Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1JAF Datasheet(PDF) 2 Page - ON Semiconductor

Part # ES1JAF
Description  Surface Mount Ultrafast Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES1JAF Datasheet(HTML) 2 Page - ON Semiconductor

  ES1JAF Datasheet HTML 1Page - ON Semiconductor ES1JAF Datasheet HTML 2Page - ON Semiconductor ES1JAF Datasheet HTML 3Page - ON Semiconductor ES1JAF Datasheet HTML 4Page - ON Semiconductor ES1JAF Datasheet HTML 5Page - ON Semiconductor ES1JAF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
August, 2024 − Rev. 3
1
Publication Order Number:
ES1JAF/D
Surface Mount Ultrafast
Rectifier
ES1DAF, ES1JAF
Features
• Fast Switching Speed – Maximum Trr 35 ns
• Ultra Thin Profile − Maximum Height of 1.0 mm
• Glass Passivated Junction
• UL Flammability 94V−0 Classification
• MSL 1
• Green Mold Compound
• These Devices are Pb−Free, Halogen Free Free and are RoHS
Compliant
Specifications
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
ES1DAF ES1JAF
VRRM
Recurrent Peak Reverse Voltage
200
600
V
VRMS
RMS Voltage
140
420
V
VR
DC Blocking Voltage
200
600
V
IF(AV)
Average Forward Current
1
A
IFSM
Peak Forward Surge Current:
8.3 ms Single Half Sine−Wave
Superimposed on Rated Load
30
A
TJ
Operating Junction Temperature
Range
−55 to +150
°C
TSTG
Storage Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
DO−214AD
(SMAF)
CASE 403AD
MARKING DIAGRAMS
$Y
= onsemi Logo
&Z
= Assembly Plant Code
&3
= Data Code (Year & Week)
ES1DAF
= Specific Device Code
Band Indicates Cathode
$Y&Z&3
ES1DAF
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of
this data sheet.
Ultrafast Rectifier
12
Cathode
Anode
$Y
= onsemi Logo
&Z
= Assembly Plant Code
&3
= Data Code (Year & Week)
ES1JAF
= Specific Device Code
Band Indicates Cathode
$Y&Z&3
ES1JAF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com