Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL08 Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # PL08
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL08 Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button PL08 Datasheet HTML 19Page - Omron Electronics LLC PL08 Datasheet HTML 20Page - Omron Electronics LLC PL08 Datasheet HTML 21Page - Omron Electronics LLC PL08 Datasheet HTML 22Page - Omron Electronics LLC PL08 Datasheet HTML 23Page - Omron Electronics LLC PL08 Datasheet HTML 24Page - Omron Electronics LLC PL08 Datasheet HTML 25Page - Omron Electronics LLC PL08 Datasheet HTML 26Page - Omron Electronics LLC PL08 Datasheet HTML 27Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
262
General-purpose Relays and Power Relays
Sockets
■ PL Dimensions
Dimensions
Terminal arrangement/
Internal connections
(bottom view)
Mounting holes
PL11
51 max.
Approx. 20.5 max.
Two,
2-dia.
holes
30 dia.
35 max.
Two, 3.5-dia. or two, M3-mounting
holes for applicable models
Two, 3.5-dia. or two, M3
Socket-mounting holes
31-dia. hole
L=40 mm
MK3P, MK2KP,
MK3ZP, MK3LP
L=74 mm
MM3P, MM2(X)KP
PL11-Q
51 max.
35 max.
35 max.
PLE11-0
29
±0.1 dia.
22 max.
Eleven,
2.5-dia. holes
Two, 3.5-dia. Hold-down
Clip-mounting holes
L= Distance between mounting
holes required for MK
Eleven, 2.5-dia. holes
MK3P
MK2KP
PL15
66 max.
22 max.
Two,
2-dia.
holes
41 max.
45 max.
Two, 3.5-dia. or two, M3-mounting
holes for applicable models
Two, 3.5-dia. or two, M3
Socket-mounting holes
42-dia.
hole
MK3XP,
MM4(X)P,
MM3(X)KP,
MM4(X)KP
PL20
46.5 max.
36.5 max.
23 max.
Two,
2-dia.
holes
Two,
3.5-dia. holes
31 max.
Two, 4.5-dia. Relay-mounting holes
Two,
Socket-mounting
holes
33-dia.
hole
Note: Mounting hole
preparation
not required for
LDNP.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com