Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC25 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STPMIC25
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STPMIC25 Datasheet HTML 49Page - STMicroelectronics STPMIC25 Datasheet HTML 50Page - STMicroelectronics STPMIC25 Datasheet HTML 51Page - STMicroelectronics STPMIC25 Datasheet HTML 52Page - STMicroelectronics STPMIC25 Datasheet HTML 53Page - STMicroelectronics STPMIC25 Datasheet HTML 54Page - STMicroelectronics STPMIC25 Datasheet HTML 55Page - STMicroelectronics STPMIC25 Datasheet HTML 56Page - STMicroelectronics STPMIC25 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 145 page
background image
5.4.7
Reset management (RSTn) and mask_reset software option
RSTn is a bidirectional reset pin both for the PMIC and the application processor. It has a digital input/open drain
output topology with an internal pull-up resistor (RPU).
•
When the PMIC asserts RSTn, it drives the RSTn signal low (open drain internal transistor). The
application processor is forced into a reset state.
•
When the PMIC does not assert RSTn, the RSTn pin is in high impedance and the RSTn signal goes high
(due to the pull-up resistor) if the RSTn signal is not asserted low externally (for example: by a reset push-
button or from an application processor asserting the reset signal low). In that case, the PMIC RSTn pin
becomes a digital input and it monitors the RSTn signal.
In the POWER_ON state, the RSTn pin can be driven by the application processor or a reset push-button.
When the application processor asserts RSTn low more than the tRSTnAS duration, it immediately triggers a reset
sequence of the PMIC by performing a noninterruptible power cycle:
1. The PMIC asserts RSTn low (forcing the AP to keep it in reset, and in the case that the AP releases the reset
before the end of the sequence)
2. POWER_DOWN sequence
3. CHECK &LOAD
4. POWER_UP sequence
5. PMIC deasserts RSTn and monitors RSTn
6. PMIC waits for the RSTn signal to go high before entering POWER_ON (to prevent an infinite loop of reset
sequence)
The PMIC can detect a negative pulse on RSTn shorter than the tRSTnAS duration. The PMIC must detect a
negative pulse longer or equal to the tRSTnAS duration.
5.4.7.1
mask_reset software option
From step 2 to step 4 (in the above sequence), LDOs and buck regulators follow a POWER_DOWN sequence
followed by a POWER_UP sequence as defined in Section 5.2; except for regulators having the mask_reset
option bit set.
The mask_reset option can be defined for each regulator by setting the corresponding MRST bit in
corresponding BUCKS_MRST_CR or LDOS_MRST_CR registers.
For example, for BUCK4: set the BUCK4_MRST bit in BUCKS_MRST_CR.
When the mask_reset option is set to a regulator, the MAIN and ALTERNATE related registers are not reset and
content is maintained during and after the reset power cycle. Nevertheless, the PWRCTRLx settings are reset for
all regulators, including those having the mask_reset option set:
•
POWER_DOWN is not performed
•
MAIN and ALTERNATE register values are not reset and their contents are maintained with the current
value
•
PWRCTRLx register settings are reset (xxx_PWRCTRL_CR)
The PMIC always ends the power cycle in the POWER_ON state, regardless of the PWRCTRLx value, as all
PWRCTRLx settings have been reset during the power cycle.
If RSTn is asserted in MAIN mode, regulators having the mask_reset option set are not impacted at all by the
reset sequence, keeping VOUT, EN, and PREG_MODE unchanged.
In case RSTn is asserted in the ALTERNATE mode, VOUT, EN, and PREG_MODE switch to the content of the
[regulator]_MAIN_CR register values when the POWER_DOWN sequence ends before the POWER_UP
sequence starts.
The Figure 18 illustrates a reset power cycle of the PMIC.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 53/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com