Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESEO-LIV3FL Datasheet(PDF) 8 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 4Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 5Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 6Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 7Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 9Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 10Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 11Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
4
Assisted GNSS
GNSS receivers need accurate satellite position data from at least four satellites to produce a fix.
Accurate satellite data-ephemeris data- is valid for 4hrs only for GPS and 30 min only for GLONASS.
After that time a receiver must download new ephemeris data.
Ephemeris download can take from dozens of seconds to several minutes, hours or can fail to download.
Assisted-AGPS is a mechanism to provide ephemeris assistance from an external source. This reduces
considerably the time to get fix especially in critical environments when the ephemeris download time could be
very long.
The Teseo-LIV3FL supports three types of assisted GNSS.
4.1
ST-assisted GPS
ST-assisted GPS® (STAGPS) software is able to provide predicted ephemeris to the GNSS engine. It reaches in
less time than the normal time (about 30 seconds) needed to download real ephemeris from the sky. This reduces
considerably the time to get fix especially in critical environments when the ephemeris download time could be
very long.
The autonomous solution STAGPS works by using the real past ephemeris downloaded from the sky. It stores in
its internal database to extrapolate the parameter of future ephemeris up to 5 days of forecast. For this reason,
the STAGPS® autonomous performances (in terms of position accuracy using predicted ephemeris) are strictly
dependent on the real ephemeris database content. In normal usage of STAGPS® autonomous, the system
automatically uploads the real ephemeris into its database as soon as new ephemeris are downloaded from the
sky. This means that the global content of the actual ephemeris input database is determined by the history of the
device operating in the past periods.
The Teseo-LIV3FL software with STAGPS® capability implements a command interface at the NMEA level to
allow interaction with the STAGPS® library. It supports commands to enable/disable the STAGPS® functionality or
to upload ephemeris and seed into the STAGPS® working memory. Most of the implemented commands could be
used for testing the STAGPS® performance in different working scenarios.
4.2
Predictive AGNSS
ST-assisted GPS™ when used in systems with network data access is able to provide full-constellation long-term
prediction taking advantage of an assistance server.
This only solution combines the advantage of universal assistance data protocol with lightweight data access. It
needs only about 8 KB biweekly data transfers to maintain fast and accurate GPS performance.
From this uploaded payload called "seed", ST-assisted GPS ™ is able to generate satellite orbit forecasts for up
to 14 days at the customer for the complete GPS constellation and the GLONASS constellation.
A unique feature of ST-assisted GPS is the dual-mode ability to perform seamless fallback from the 14-days
server-based forecast to the 5-days self-sustaining in-field forecast capability depending on usage patterns.
This is very useful to keep the quality of the GNSS experience, if a connected device loses the ability to contact
the server due to coverage or roaming problems or any other wireless connectivity problem.
4.3
Real-time AGPS
Real-time assisted GPS (RT-AGPS) solution is a server based assisted GPS, therefore it requires a network
connection to download assistance data from the server.
RT-AGPS works downloading the real-time ephemeris data by an assistance server. Access to the server is
allowed thanks to the internal password provided by Teseo-LIV3FL to the host processor. The data acquired in
real-time must be provided to Teseo-LIV3FL.
Proprietary NMEA commands are supported on Teseo-LIV3FL to acquire the credential access to the external
server and to inject the data to the Teseo-LIV3FL.
STMicroelectronics partner provides available server solution access for free on Teseo-LIV3FL solution.
Real-time A-GPS allows continuous /real-time satellite position determination.
Teseo-LIV3FL
Assisted GNSS
DS13881 - Rev 4
page 8/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com