Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESEO-LIV4FTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # TESEO-LIV4FTR
Description  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4FTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TESEO-LIV4FTR Datasheet HTML 4Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 5Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 6Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 7Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 8Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 9Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 10Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 11Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
4
Assisted GNSS
GNSS receivers need accurate satellite position data from at least 4 satellites to produce a fix.
Accurate satellite data, ephemeris data, is valid for several hours based on the active constellations.
After that time, a receiver must download new ephemeris data.
Ephemeris download can take from dozens of seconds to several minutes, hours or can fail to download.
Assisted-GNSS is a mechanism to provide ephemeris assistance from external source; this reduces considerably
the time to get fix especially in critical environments when the ephemeris download time could be very long.
Teseo-LIV4F supports one type of Assisted GNSS: real time assisted GNSS.
4.1
Real-time assisted GNSS
Real-time assisted GNSS (RT-AGNSS) solution is a server based assisted GNSS. It requires a network
connection to download assistance data from the server.
RT-AGNSS works downloading by an assistance server the real time ephemeris data. Server access is allowed
thanks to internal keyword provided by Teseo-LIV4F to the host processor and the acquired real-time data have to
be provided to Teseo-LIV4F.
Proprietary NMEA commands are supported on Teseo-LIV4F to acquire the credential access to the external
server and to inject the data to Teseo-LIV4F.
STMicroelectronics partner provides available server solution access on Teseo-LIV4F solution.
Real-time A-GNSS allows continuous real-time satellite position determination.
Teseo-LIV4F
Assisted GNSS
DS13957 - Rev 6
page 8/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com