Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IST Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSC200IST
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IST Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSC200IST Datasheet HTML 8Page - STMicroelectronics TSC200IST Datasheet HTML 9Page - STMicroelectronics TSC200IST Datasheet HTML 10Page - STMicroelectronics TSC200IST Datasheet HTML 11Page - STMicroelectronics TSC200IST Datasheet HTML 12Page - STMicroelectronics TSC200IST Datasheet HTML 13Page - STMicroelectronics TSC200IST Datasheet HTML 14Page - STMicroelectronics TSC200IST Datasheet HTML 15Page - STMicroelectronics TSC200IST Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
5
Application information
5.1
Overview
The TSC200, TSC201, and TSC202 devices are designed to measure current by amplifying the voltage across a
shunt resistor connected to its input. Thanks to a bandgap reference and a comparator, which is able to latch the
output, the TSC20x family is the perfect candidate for overcurrent protection.
TSC200, TSC201, and TSC202 are current-sensing amplifiers with a respective gain of 20 V/V, 50 V/V, and 100
V/V. They provide an extended input common range from -16 V up to 80 V, while the devices can operate from
2.7 to 18 V. They can operate either as low side or high side current sensing amplifiers.
The parameters are very stable in the full VCC range, and several characterization curves show the characteristics
of the TSC20x devices at 12 V. Additionally, the main specifications are guaranteed in extended temperature
ranges from -40 to 125 °C.
5.2
Theory of operation
The main feature of the TSC200, TSC201, and TSC202 is the ability to work with an input common-mode voltage
largely beyond the power supply VCC range (2.7 V to 18 V). It is ideal, for example, in wireless infrastructure
equipment to monitor the current flowing into a power amplifier. The integrated comparator and reference output
allows for an overcurrent protection implementation.
The internal topology used in the TSC200, TSC201, and TSC202 is different from a classic instrumentation
amplifier approach. The TSC20x family offers a high CMRR, without any special care towards the internal
resistance matching and low input bias current.
Nevertheless, this topology implies three operation functional modes for the TSC20x. These modes are a function
of two main variables: the differential input voltage Vsense (resulting in a current flowing into the shunt resistance)
and the input common-mode voltage Vicm, relative to the supply voltage VCC.
Mode 1: Vsense > 20 mV and Vicm > 40% VCC
Figure 29 depicts a simplified diagram, explaining the main functional principle of TSC20x for the mode 1
operation.
Figure 29. Simplified diagram when Vicm > 40% VCC
+
-
D
D
D
+
-
GND
OUT
VIN+
Vcc
Vicm>40%Vcc
+2.7V to +18V
Load
R1
R1
R2
A2
A1
A3
VIN-
Reference
voltage
0.6 V
CMPOUT
CMPIN
RESET
+
-
Ir
Ir
Ir
ILoad
Vsense
12.5kΩ
5kΩ
V2
-
TSC200, TSC201, TSC202
Application information
DS13882 - Rev 2
page 12/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com