Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IYST Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSC200IYST
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IYST Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSC200IYST Datasheet HTML 6Page - STMicroelectronics TSC200IYST Datasheet HTML 7Page - STMicroelectronics TSC200IYST Datasheet HTML 8Page - STMicroelectronics TSC200IYST Datasheet HTML 9Page - STMicroelectronics TSC200IYST Datasheet HTML 10Page - STMicroelectronics TSC200IYST Datasheet HTML 11Page - STMicroelectronics TSC200IYST Datasheet HTML 12Page - STMicroelectronics TSC200IYST Datasheet HTML 13Page - STMicroelectronics TSC200IYST Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Figure 20. Step response for 90 to 100 mV Vsense G = 50
Time (5µs/div)
V
sense = 90 to 100mV
G = 50
Figure 21. Step response for 20 to 110 mV Vsense G = 100
Time (10µs/div)
V
sense = 20 to 110mV
G = 100
Figure 22. Comparator VOL vs. ISINK
Figure 23. Comparator trip points vs. VCC
TSC200, TSC201, TSC202
Typical performance characteristics
DS13882 - Rev 2
page 10/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com