Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2579B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA2579B
Description  Horizontal/vertical synchronization circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2579B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA2579B Datasheet HTML 4Page - NXP Semiconductors TDA2579B Datasheet HTML 5Page - NXP Semiconductors TDA2579B Datasheet HTML 6Page - NXP Semiconductors TDA2579B Datasheet HTML 7Page - NXP Semiconductors TDA2579B Datasheet HTML 8Page - NXP Semiconductors TDA2579B Datasheet HTML 9Page - NXP Semiconductors TDA2579B Datasheet HTML 10Page - NXP Semiconductors TDA2579B Datasheet HTML 11Page - NXP Semiconductors TDA2579B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
September 1990
8
Philips Semiconductors
Preliminary specification
Horizontal/vertical synchronization circuit
TDA2579B
If the new TV station is weak, the sync-noise detector is activated. This will result in a change over of pin 18 voltage from
6.5 V to
≈10 V. When pin 18 exceeds the level of 7.8 V the phase detector is switched to slow time constant and gated
sync pulse condition. The current is also reduced during the vertical blanking period by 1 mA. When desired, most
conditions of the phase detector can also be set by external means in the following way:
a. Fast time constant TV transmitter identification circuit not active, connect pin 18 to earth (pin 9).
b. Fast time constant TV transmitter identification circuit active, connect a resistor of 220 k
Ω between pin 18 and ground.
This condition can also be set by using a 3.6 V stabistor diode instead of a resistor.
c. Slow time constant, (with exception of frame blanking period), connect pin 18 via a resistor of 10 k
Ω to + 12 V, pin 10.
In this condition the transmitter identification circuit is not active.
d. No switching to slow time constant desired (transmitter identification circuit active), connect a 6.8 V zener diode
between pin 18 and ground.
Fig.2 illustrates the operation of the 3 phase detector circuits.
Fig.2 Timing diagram, phase detectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com