Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE-18W Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-18W
Description  Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-18W Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-18W Datasheet HTML 1Page - Mini-Circuits ADE-18W Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Level 7 (LO Power +7 dBm) 1750 to 3500 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD542
PRICE: $3.95 ea. QTY (10-49)
Demo Board MCL P/N: TB-02
Suggested PCB Layout (PL-051)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
4
RF
6
IF
3
GROUND
1,2,5
Outline Drawing
Electrical Specifications
REV. E
M102713
ADE-18W
ED-5808/2
DJ/TD/CP/AM
070412
Page 1 of 2
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Total
Range
Max.
f
L-fU
—
X
σ
Typ. Min.
Typ. Min.
Typ.
1750-3500
DC-700
5.4
0.30
8.9
33
20
12
7
11
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
ADE-18W
ADE-18W+
1750.00
1780.00
5.42
31.90
20.60
2.84
3.01
1784.78
1814.78
5.43
32.30
20.10
2.58
2.88
1932.61
1962.61
4.79
33.10
16.00
1.77
2.92
2080.44
2110.44
4.68
33.50
14.30
1.75
3.01
2228.26
2258.26
4.92
33.80
13.80
2.16
3.06
2376.09
2406.09
5.19
34.60
14.20
2.46
2.96
2523.91
2553.91
5.23
32.90
14.10
2.49
2.76
2671.74
2701.74
4.79
30.80
13.70
2.52
2.55
2819.57
2849.57
4.97
28.40
15.20
2.49
2.96
2967.39
2997.39
5.53
27.50
16.20
2.40
3.50
3000.00
3030.00
5.69
27.70
16.30
2.40
3.06
3115.21
3145.22
6.58
27.50
17.30
2.84
3.06
3263.04
3293.04
7.28
25.70
17.20
4.03
3.32
3410.87
3440.87
7.07
24.90
17.20
5.49
3.79
3470.00
3500.00
7.01
25.10
17.30
6.26
3.95
3500.00
3530.00
6.96
25.00
16.80
6.26
4.42
3558.70
3588.70
6.93
25.00
16.60
5.85
4.42
3706.52
3736.52
7.74
26.40
15.70
7.00
5.33
Features
• low conversion loss, 5.4 dB typ.
• good isolation, 33 dB typ.
• low profile package
• aqueous washable
• protected by U.S. Patent 6,133,525
Applications
• PCS
• MMDS
• ISM
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.


Similar Part No. - ADE-18W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-18W+ MINI-ADE-18W+ Datasheet
255Kb / 1P
FREQUENCY MIXERS
More results

Similar Description - ADE-18W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
SCM-2+ MINI-SCM-2+ Datasheet
196Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
ZX05-30W MINI-ZX05-30W Datasheet
178Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 300 to 4000
JMS-2 MINI-JMS-2 Datasheet
328Kb / 2P
Surface Mount Frequency Mixer Level 7 (LO Power 7 dBm) 20 to 1000 MHz
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
CY7C1520KV18 MINI-CY7C1520KV18 Datasheet
261Kb / 2P
Frequency Mixer wide band Level 7 (LO Power 7 dBm) 3700 to 10000 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com