Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM411 Datasheet(PDF) 3 Page - Mini-Circuits

Part # AM411
Description  VOLTAGE TRANSMITTER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AM411 Datasheet(HTML) 3 Page - Mini-Circuits

  AM411 Datasheet HTML 1Page - Mini-Circuits AM411 Datasheet HTML 2Page - Mini-Circuits AM411 Datasheet HTML 3Page - Mini-Circuits AM411 Datasheet HTML 4Page - Mini-Circuits AM411 Datasheet HTML 5Page - Mini-Circuits AM411 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VOLTAGE TRANSMITTER IC
AM411
analog microelectronics
April 99
3/6
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Output Stage (cont.)
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±
0.5
±
2mV
VOS vs. Temperature
dVOS/dT
±
3
±
7µV/°C
Input Bias Current
IB
512
nA
IB vs. Temperature
dIB/dT
3.5
10
pA/°C
Output Voltage Range
VOUT
VCC < 18V
0
VCC – 5
V
VOUT
VCC
≥ 18V
013
V
Output Current Limitation
ILIM
VOUT
≥ 10V
57
10
mA
Output Current
IOUT
0
ILIM
mA
Load Resistance
RL
2
k
Ω
Load Capacitance
CL
500
nF
Protection Functions
Protection against reverse polarity
Ground vs. VS vs. VOUT
35
V
System Parameters
Nonlinearity
ideal input
0.05
0.15
%FS
Currents flowing into the IC are negative
BOUNDARY CONDITIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Sum Offset Resistors
R3 + R4
20
200
k
Ω
VREF Capacitance
C1
1.9
2.2
5.0
µF
FUNCTIONAL DIAGRAM
AMP
Ground
V
S
V
OUT
V
IN
Reference Voltage
R
IN
R
A
R
B
Figure 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com