Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM10AM05FTG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTM10AM05FTG
Description  Phase leg MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM10AM05FTG Datasheet(HTML) 4 Page - Microsemi Corporation

  APTM10AM05FTG Datasheet HTML 1Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 2Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 3Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 4Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 5Page - Microsemi Corporation APTM10AM05FTG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTM10AM05FTG
www.microsemi.com
4 - 6
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
6V
7V
8V
0
200
400
600
800
1000
1200
0
4
8
1216202428
VDS, Drain to Source Voltage (V)
Low Voltage Output Characteristics
VGS=15V, 10V & 9V
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
40
80
120
160
200
240
01
2345
67
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.8
0.9
1
1.1
1.2
0
25
50
75 100 125 150 175 200
ID, Drain Current (A)
Normalized to
VGS=10V @ 125A
0
50
100
150
200
250
300
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com