Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-41 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  DER-41 Datasheet HTML 1Page - Power Integrations, Inc. DER-41 Datasheet HTML 2Page - Power Integrations, Inc. DER-41 Datasheet HTML 3Page - Power Integrations, Inc. DER-41 Datasheet HTML 4Page - Power Integrations, Inc. DER-41 Datasheet HTML 5Page - Power Integrations, Inc. DER-41 Datasheet HTML 6Page - Power Integrations, Inc. DER-41 Datasheet HTML 7Page - Power Integrations, Inc. DER-41 Datasheet HTML 8Page - Power Integrations, Inc. DER-41 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DER-41
5V and 22V LCD TV Standby PS
November 18, 2004
4 Schematic
Figure 2 – Schematic
Note: R9 is placed on the topside of the PCB and soldered in series with R6.
L1, L2, R13, R14, C1 and C2 form an EMI filter. C1 and C2 form the bulk capacitance.
In the actual system, the standby supply can be connected to the EMI filter and bulk
capacitor of the main power supply; it may be possible to simplify the input circuit to take
advantage of the main power supply filter and bulk capacitor. If the main PSU bulk
capacitor is far from the standby supply, other configurations of simplified filtering may be
possible for optimal noise and cost performance.
Page 5 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com