Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-45 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-45
Description  1.8W non-isolated Power Supply using LNK304
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-45 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-45 Datasheet HTML 1Page - Power Integrations, Inc. DER-45 Datasheet HTML 2Page - Power Integrations, Inc. DER-45 Datasheet HTML 3Page - Power Integrations, Inc. DER-45 Datasheet HTML 4Page - Power Integrations, Inc. DER-45 Datasheet HTML 5Page - Power Integrations, Inc. DER-45 Datasheet HTML 6Page - Power Integrations, Inc. DER-45 Datasheet HTML 7Page - Power Integrations, Inc. DER-45 Datasheet HTML 8Page - Power Integrations, Inc. DER-45 Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DER-45
LNK304 Single Output Supply
April 8, 2005
Page 2 of 9
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction................................................................................................................. 3
2
Power Supply Specification ........................................................................................ 3
3
Schematic................................................................................................................... 4
4
Circuit Description ...................................................................................................... 4
5
Bill Of Materials .......................................................................................................... 5
6
Performance Data ...................................................................................................... 6
6.1
Efficiency............................................................................................................. 6
6.1.1
Full load efficiency........................................................................................ 6
6.1.2
No load consumption ................................................................................... 6
6.2
Regulation ........................................................................................................... 7
6.2.1
Line regulation.............................................................................................. 7
6.2.2
Load regulation ............................................................................................ 7
7
Revision History ......................................................................................................... 8
Important Note:
This board is designed to be non-isolated. Please take necessary safety precautions.
Design Reports contain a power supply design specification, schematic, bill of materials,
and transformer documentation. Performance data and typical operation characteristics
are included. Typically only a single prototype has been built.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com