Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3D216125 Datasheet(PDF) 1 Page - OTTO Engineering, Inc

Part # P3D216125
Description  SEALED PUSHBUTTON SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

P3D216125 Datasheet(HTML) 1 Page - OTTO Engineering, Inc

  P3D216125 Datasheet HTML 1Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEALED PUSHBUTTON SWITCHES
DOME
PUSHBUTTONS
P3-D
Specifications Subject To Change Without Notice
OTTO CONTROLS • www.ottoeng.com
45
Rugged pushbutton switches with new contoured dome styling. There
are two design versions: flush dome and raised dome button profile.
They also offer excellent mechanical and electrical performance while
operating under severe conditions found in demanding applications.
The OTTO P3-D Dome series features dusttight and moisture-proof or
watertight sealed construction. Add “W” to your part number for
watertight seal. Expect a minimum of 100,000 operations at rated
load of 10 amperes resistive or 5 amperes inductive; up to a million
operations in low signal switching applications.
The OTTO P3-D Dome series is available in standard and low
operating force double-break snap-action models. All are momentary
action. Special contact variations are available. High contact pressure
and unique contact design provide low contact resistance for low
level switching capability as well as full rated service.
The OTTO P3-D Dome series is a quality precision snap-action
switch designed for use in panels, control sticks, computers,
instruments, heavy equipment and other demanding applications
where attractive,rugged pushbutton switches are required.
Quality Features:
•Attractive Dome style button
•Two contoured button styles
•Double-break momentary action
•Withstands extreme shock and vibration
•Positive tactile feedback
•Solder and Screw terminal styles
•Moistureproof and dusttight to IP64 & MIL-PRF-8805
Design 2
•Watertight: IP68 available
9 Vibrant Colors
P3-D PART NUMBER CODE
P3-D
X
X
X
X
X
X
*
Button StyleTerminal
Circuit
Operating
Bezel
Button
Style/Rating
Form
Force/Action
Color
Color
1. Flush Dome 0. Special
1. N.O.
1. 2.5 lb/Momentary 1. Clear
1. Red
2. Raised Dome 1. Solder/Standard
2. N.C.
2. 4 lb/Momentary
2. Black
2. Black
2. Screw/Standard
3. N.C. 3-Term
3. Orange
3. Solder/Low Level 4. N.O. 3-Term
4. Yellow
4. Screw/Low Level 5. 5-Terminal
5. Green
6. Two Circuit
6. Blue
7. Purple
8. Gray
9. White
Example of building an OTTO part number: P3-D113124 is a switch with flush dome button,
Solder terminals, standard rating; N.C. 3-Terminal circuit; 2.5 lb. operating force, momentary
action; black bezel; yellow color button.
*Add “W”suffix for watertight.
ATTRACTIVE AND RUGGED FOR WET AND DUSTY ENVIRONMENTS
Standard Characteristics/Ratings:
OPERATIONAL:
Mechanical Life:
1,000,000 cycles, minimum on circuits 1, 2 and 6
Seal:
Moistureproof and dusttight (IP64) & MIL-PRF-8805 Design 2,
or watertight (IP68).
Operating Force:
.4 ± 1 lbs. or 2.5 +0.5, -1 lbs.
Release Force:
0.75 lbs. minimum
(1 lbs. for 4 lbs. Operating Force.)
Temperature Range: -55°C to +85°C
MATERIALS:
Case:
Anodized aluminum
Button:
Thermoplastic
Mounting Hardware: 5/8-24 Hexnut & internal tooth Lockwasher
Contacts:
Silver alloy
ELECTRICAL: (at 28 VDC or 115 VAC, 60/400 Hz.)
LOAD
AMPERES
LIFE (Min.)
Resistive
10
100,000 cycles
Resistive
15
25,000 cycles
Inductive5
100,000 cycles
Lamp
3100,000 cycles
Center Terminal
3 max.100,000 cycles
Dielectric Withstand: 1050Vrms


Similar Part No. - P3D216125

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P3DU-0505ELF PEAK-P3DU-0505ELF Datasheet
132Kb / 4P
P3DU_14
P3DU-0509ELF PEAK-P3DU-0509ELF Datasheet
132Kb / 4P
P3DU_14
P3DU-0512ELF PEAK-P3DU-0512ELF Datasheet
132Kb / 4P
P3DU_14
P3DU-0515ELF PEAK-P3DU-0515ELF Datasheet
132Kb / 4P
P3DU_14
P3DU-0518ELF PEAK-P3DU-0518ELF Datasheet
132Kb / 4P
P3DU_14
More results

Similar Description - P3D216125

ManufacturerPart #DatasheetDescription
logo
ITT Industries
GP11MCBE ITT-GP11MCBE Datasheet
419Kb / 4P
Sealed Ultraminiature Pushbutton Switches
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
Sealed Tiny Pushbutton Switches
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
GP11MCBE CK-COMPONENTS-GP11MCBE Datasheet
324Kb / 4P
Sealed Ultraminiature Pushbutton Switches
logo
E-SWITCH
LASEEU110RED E-SWITCH-LASEEU110RED Datasheet
512Kb / 4P
PUSHBUTTON SWITCHES - SEALED ILLUMINATED
logo
C&K Components
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
Sealed Subminiature Pushbutton Switches
logo
C&K Components
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
Sealed Tiny Pushbutton Switches
5 Aug 20
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
Sealed Ultraminiature Pushbutton Switches
2 Mar 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com