Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-97 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-97
Description  21.7 W Power Supply using TOP246P
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-97 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-97 Datasheet HTML 13Page - Power Integrations, Inc. DER-97 Datasheet HTML 14Page - Power Integrations, Inc. DER-97 Datasheet HTML 15Page - Power Integrations, Inc. DER-97 Datasheet HTML 16Page - Power Integrations, Inc. DER-97 Datasheet HTML 17Page - Power Integrations, Inc. DER-97 Datasheet HTML 18Page - Power Integrations, Inc. DER-97 Datasheet HTML 19Page - Power Integrations, Inc. DER-97 Datasheet HTML 20Page - Power Integrations, Inc. DER-97 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
DER-97
21.7 W PoE Adapter
September 12, 2005
Page 17 of 31
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9
Performance
9.1
Efficiency
E fficien cy vs L ine/L oad
40%
50%
60%
70%
80%
90%
0
5
10
15
20
25
Pout (W)
85 VAC
115 VAC
230 VAC
265 VAC
Figure 5 – Efficiency vs. Input Voltage and Output Load, Room Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com