Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9082 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9082 Datasheet HTML 12Page - Analog Devices AD9082 Datasheet HTML 13Page - Analog Devices AD9082 Datasheet HTML 14Page - Analog Devices AD9082 Datasheet HTML 15Page - Analog Devices AD9082 Datasheet HTML 16Page - Analog Devices AD9082 Datasheet HTML 17Page - Analog Devices AD9082 Datasheet HTML 18Page - Analog Devices AD9082 Datasheet HTML 19Page - Analog Devices AD9082 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9082
Data Sheet
Rev. C | Page 16 of 36
TIMING SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted.
Table 18.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SERIAL PORT INTERFACE (SPI) WRITE OPERATION
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
33
MHz
SCLK Clock High
tPWH
SCLK = 33 MHz
8
ns
SCLK Clock Low
tPWL
SCLK = 33 MHz
8
ns
SDIO to SCLK Setup Time
tDS
4
ns
SCLK to SDIO Hold Time
tDH
4
ns
CSB to SCLK Setup Time
tS
4
ns
SCLK to CSB Hold Time
tH
4
ps
SPI READ OPERATION
LSB First Data Format
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
33
MHz
SCLK Clock High
tPWH
8
ns
SCLK Clock Low
tPWL
8
ns
MSB First Data Format
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
15
MHz
SCLK Clock High
tPWH
30
ns
SCLK Clock Low
tPWL
30
ns
SDIO to SCLK Setup Time
tDS
4
ns
SCLK to SDIO Hold Time
tDH
4
ns
CSB to SCLK Setup Time
tS
4
ns
SCLK to SDIO Data Valid Time
tDV
20
ns
SCLK to SDO Data Valid Time
tDV_SDO
20
ns
CSB to SDIO Output Valid to High-Z
tZ
20
ns
CSB to SDO Output Valid to High-Z
tZ_SDO
20
ns
Timing Diagrams
tS
tDS
tPWH
tPWL
tDH
tSCLK
tH
R/W
A15
A14
A0
D7
D6 D1
D0
CSB
SCLK
SDIO
Figure 2. Timing Diagram for 3-Wire Write Operation
tS
tDS
tPWH
tPWL
tDH
tSCLK
tDV
tZ
CSB
SCLK
SDIO
R/W A14 A2
A1
A0
D7
D6 D1 D0
Figure 3. Timing Diagram for 3-Wire Read Operation
tPWH
tPWL
tS
tSCLK
tDS
tDH
tDV_SDO
tZ_SDO
CSB
SCLK
SDIO
SDO
D7
D6 D1 D0
R/W A14 A2
A1
A0
Figure 4. Timing Diagram for 4-Wire Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com