Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB3036 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # LB3036
Description  N-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

LB3036 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  LB3036 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd LB3036 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd LB3036 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd LB3036 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd LB3036 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd LB3036 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd LB3036 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
Source Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area
0.
0.6
9
1.2
1.5
1.8
2.1
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 30 A
V
GS = 4.5 V
V
GS = 10 V
0.
0.000
005
0.010
0.015
0.020
0.025
02468
10
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
60
64
68
72
76
80
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 10 mA
0.
0.001
01
0.1
1
10
100
0.00.20.40.60.81.01.2
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
0.8
0.4
0.0
- 0.4
- 0.8
- 1.2
- 1.6
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Temperature (°C)
I
D = 250 μA
I
D = 5 mA
0.
0.01
1
1
10
100
1000
0.01
0.1
1
10
100
V
DS -Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
100 μs
10ms
I
D Limited
LB3036-VB
www.VBsemi.com
服务热线:400-655-8788
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com