Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-CUBE-IPS Datasheet(PDF) 4 Page - STMicroelectronics

Part # X-CUBE-IPS
Description  Industrial digital output expansion board based on IPS8200HQ-1 for STM32 Nucleo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-CUBE-IPS Datasheet(HTML) 4 Page - STMicroelectronics

  X-CUBE-IPS Datasheet HTML 1Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 2Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 3Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 4Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 5Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 6Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 7Page - STMicroelectronics X-CUBE-IPS Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 2. X-NUCLEO-OUT17A1 circuit schematic (2 of 3)
def aul t = cl ose
def aul t =
cl ose 1- 2
def aul t :
cl ose 1- 2
def aul t :
ALL OPEN
def aul t :
cl ose 1- 2
OUT_EN = H
def aul t =
cl ose
def aul t :
cl ose 1- 2
def aul t :
cl ose 1- 2
def aul t :
cl ose 1- 2
def aul t =
cl ose
def aul t =
open
def aul t =
cl ose
def aul t :
cl ose 1- 2
def aul t :
cl ose 1- 2
def aul t :
cl ose 1- 2
WD = H
def aul t =
open
def aul t :
cl ose 1- 2
def aul t :
cl ose 1- 2
def aul t :
cl ose 1- 2
def aul t :
cl ose 1- 2
Def aul t = Open.
Cl ose t o set SEL1 = H ( = 16 bi t )
when SPI Mode i s sel ect ed by SEL2 = H.
VISO_L
VISO_P
VISO_P
VREG
SEL2_L
SEL2
SEL1
VISO_P
VISO_P
IN3
OUT_EN
OUT_EN/IN3
IN1
IN4
IN2/WDEN
WD
WD/IN4
WD_EN/IN2
VISO_P
TWARN
VISO_P
TWARN_L
IN5/DAISY_CHAIN
FAULT_L
FAULT
SDI/IN5
SPI_MOSI
IN6
CLK/IN6
SPI_CLK
VISO_P
VISO_P
PGOOD
SPI_MISO
PGOOD_L
IN5/DAISY_CHAIN
SDO/IN8
IN7/SPI_SS
SS/IN7
IN8
SEL1/IN1
3v3
5v0
JP18
C32
100pF
R1
100
R22
270
U3
STISO620
VDD1
1
TXA
2
GND1
4
TXB
3
GND2
5
RXB
6
RXA
7
VDD2
8
R29
10k
C26
100pF
U6
STISO621
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U10
STISO621
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
R25
10k
R2
100
U4
STISO621
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
SW5
1
2
3
C42
100nF
C36
100nF
SW7
1
2
3
R10
270
C30
100pF
SW4
1
2
3
C45
100nF
C24
3.3pF
SW11
1
2
3
R14
270
R13
270
SW15
1
2
3
C43
100nF
C29
100pF
U11
STISO620
VDD1
1
TXA
2
GND1
4
TXB
3
GND2
5
RXB
6
RXA
7
VDD2
8
R34
10k
SW1
C46
100nF
SW12
1
2
3
R59
220k
C33
100pF
U12
STISO620
VDD1
1
TXA
2
GND1
4
TXB
3
GND2
5
RXB
6
RXA
7
VDD2
8
JP23
U7
STISO621
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
SW9
1
2
3
JP24
C44
100nF
C21
4.7pF
C39
100nF
R3
100
R30
10k
R7
270
C47
100nF
C31
100pF
C37
100nF
R4
100
R28
10k
R32
10k
C40
100nF
R12
270
SW18
1
2
3
SW20
1
2
3
SW6
1
2
3
R33
10k
C27
100pF
SW13
1
2
3
C48
100nF
R9
270
C38
100nF
JP22
C28
100pF
SW10
1
2
3
JP19
R26
10k
JP25
C23
4.7pF
R8
270
R27
10k
JP31
SW14
1
2
3
C41
100nF
C35
100nF
R11
270
C22
4.7pF
VISO_L
VISO_L
VREG
VISO_L
VISO_L
VISO_L
VISO_L
VISO_L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com