Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-110 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DER-110
Description  7.3 W Dual Output Non-Isolated Power Supply using TNY266P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-110 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DER-110 Datasheet HTML 15Page - Power Integrations, Inc. DER-110 Datasheet HTML 16Page - Power Integrations, Inc. DER-110 Datasheet HTML 17Page - Power Integrations, Inc. DER-110 Datasheet HTML 18Page - Power Integrations, Inc. DER-110 Datasheet HTML 19Page - Power Integrations, Inc. DER-110 Datasheet HTML 20Page - Power Integrations, Inc. DER-110 Datasheet HTML 21Page - Power Integrations, Inc. DER-110 Datasheet HTML 22Page - Power Integrations, Inc. DER-110 Datasheet HTML 23Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DER-110
Dual Output Non-Isolated Power Supply
October 26, 2005
Page 21 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10 Conducted EMI
A conducted EMI scan of the prototype was taken to determine the effectiveness of the
input pi-filter and transformer ESHIELD® construction. The following plots show the peak
performance of the converter against quasi-peak (QP) and average (AVG) limits of
EN55022 Class B. Both scans were taken at 120VAC/60Hz input with maximum load
applied to the outputs. Since the peak scans are below the average limits, it is expected
that the QP and Average scans would have greater than 10db of margin below the limits.
Figure 22
– Conducted EMI (LINE), Maximum Load, 120 VAC, 60 Hz, and EN55022 B Limits
Figure 23 – Conducted EMI (Neutral), Maximum Load, 120 VAC, 60 Hz, and EN55022 B Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com