Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AVC4T245L-P16-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # U74AVC4T245L-P16-R
Description  4 BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AVC4T245L-P16-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button U74AVC4T245L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74AVC4T245L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74AVC4T245L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74AVC4T245L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74AVC4T245L-P16-R Datasheet HTML 9Page - Unisonic Technologies U74AVC4T245L-P16-R Datasheet HTML 10Page - Unisonic Technologies U74AVC4T245L-P16-R Datasheet HTML 11Page - Unisonic Technologies U74AVC4T245L-P16-R Datasheet HTML 12Page - Unisonic Technologies U74AVC4T245L-P16-R Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
U74AVC4T245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 16
www.unisonic.com.tw
QW-R126-075.D
SWITCHING CHARACTERISTICS (Cont.)
(Over recommended operating free-air temperature range, VCCA=1.5V±0.1V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°С
TA=-40~+125°С
UNIT
MIN TYP MAX MIN TYP MAX
Propagation delay from
input (A) to output (B)
tPLH
tPHL
VCCB=1.2V
3.2
13
ns
VCCB=1.5V±0.1V
0.3
6.3
0.1
12.5
ns
VCCB=1.8V±0.15V
0.3
5.2
0.1
11.5
ns
VCCB=2.5V±0.2V
0.4
4.2
0.1
11
ns
VCCB=3.3V±0.3V
0.4
4.2
0.1
11
ns
Propagation delay from
input (B) to output (A)
tPLH
tPHL
VCCB=1.2V
3.3
13
ns
VCCB=1.5V±0.1V
0.7
6.3
0.1
12.5
ns
VCCB=1.8V±0.15V
0.5
6
0.1
12
ns
VCCB=2.5V±0.2V
0.4
5.7
0.1
12
ns
VCCB=3.3V±0.3V
0.3
5.6
0.1
12
ns
Propagation delay from
input ( OE ) to output (A)
tPZH
tPZL
VCCB=1.2V
4.9
13
ns
VCCB=1.5V±0.1V
1.4
9.6
0.1
12
ns
VCCB=1.8V±0.15V
1.1
9.5
0.1
11.5
ns
VCCB=2.5V±0.2V
0.7
9.4
0.1
11
ns
VCCB=3.3V±0.3V
0.4
9.4
0.1
11
ns
Propagation delay from
input ( OE ) to output (B)
tPZH
tPZL
VCCB=1.2V
4.5
13
ns
VCCB=1.5V±0.1V
1.4
9.6
0.1
12
ns
VCCB=1.8V±0.15V
1.1
7.7
0.1
10
ns
VCCB=2.5V±0.2V
0.9
5.8
0.1
8
ns
VCCB=3.3V±0.3V
0.9
5.6
0.1
8
ns
Propagation delay from
input ( OE ) to output (A)
tPHZ
tPLZ
VCCB=1.2V
5.6
13
ns
VCCB=1.5V±0.1V
1.8
10.2
0.1
13.5
ns
VCCB=1.8V±0.15V
1.5
10.2
0.1
13.5
ns
VCCB=2.5V±0.2V
1.3
10.2
0.1
13.5
ns
VCCB=3.3V±0.3V
1.6
10.2
0.1
13.5
ns
Propagation delay from
input ( OE ) to output (B)
tPHZ
tPLZ
VCCB=1.2V
5.2
13
ns
VCCB=1.5V±0.1V
1.9
10.3
0.1
12
ns
VCCB=1.8V±0.15V
1.9
9.1
0.1
11
ns
VCCB=2.5V±0.2V
1.4
7.4
0.1
9
ns
VCCB=3.3V±0.3V
1.2
7.6
0.1
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com