Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AVC4T245L-QAE-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U74AVC4T245L-QAE-R
Description  4 BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AVC4T245L-QAE-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button U74AVC4T245L-QAE-R Datasheet HTML 3Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 4Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 5Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 6Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 7Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 8Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 9Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 10Page - Unisonic Technologies U74AVC4T245L-QAE-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
U74AVC4T245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 16
www.unisonic.com.tw
QW-R126-075.D
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°С
TA=-40~+125°С
UNIT
MIN TYP MAX MIN TYP MAX
Input Leakage
Current
Control
inputs
II(LEAK)
VCCA=VCCB=1.2~3.6V
VIN=VCCA or GND
±0.025 ±0.25
±1
μA
Power OFF
Leakage
Current
A or B port
IOFF
VCCA=0V, VCCB=0~3.6V
VIN or VOUT=0~3.6V
±0.1
±1
±5
μA
VCCA=0~3.6V, VCCB=0V
VIN or VOUT=0~3.6V
±0.1
±1
±5
μA
Output
OFF-state
current
A or B port
IOZ
VCCA=VCCB=3.6V
VOUT=VCCO or GND
VIN=VCCI or GND, OE =VIH
±0.5 ±2.5
±5
μA
Quiescent Supply Current
ICCA
VCCA=VCCB=1.2~3.6V
VIN=VCCI or GND, IO=0
8
50
μA
VCCA=0V, VCCB=0~3.6V
VIN=VCCI or GND, IO=0
-2
-12
μA
VCCA=0~3.6V, VCCB=0V
VIN=VCCI or GND, IO=0
8
50
μA
Quiescent Supply Current
ICCB
VCCA=VCCB=1.2~3.6V
VIN=VCCI or GND, IO=0
8
50
μA
VCCA=0V, VCCB=0~3.6V
VIN=VCCI or GND, IO=0
8
50
μA
VCCA=0~3.6V, VCCB=0V
VIN=VCCI or GND, IO=0
-2
-12
μA
Quiescent Supply Current &
Quiescent Supply Current
ICCA+ICCB
VCCA=VCCB=1.2~3.6V
VIN=VCCI or GND, IO=0
16
65
μA
Notes: 1. VCCI is the VCC associated with the input port.
2. VCCO is the VCC associated with the output port.
3. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation.
4. For VCCI values not specified in the data sheet, VIHMIN=VCCI×0.7V, VILMAX=VCCI×0.3V
5. For VCCI values not specified in the data sheet, VIHMIN=VCCA×0.7V, VILMAX=VCCA×0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com