Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULV2333L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULV2333L-S08-R
Description  MICRO-POWER, ZERO-DRIFT, RAIL-TO-RAIL INPUT/OUTPUT CMOS DUAL OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV2333L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULV2333L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULV2333L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULV2333L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULV2333L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ULV2333
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R105-094.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+ -V-
6.0
V
Input Voltage
VIN
V- - 0.3 ~ V+ + 0.3
V
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+ -V-
1.8 ~ 5.5
V
Operating Free-Air Temperature
TOPR
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS
(V+=1.8~5.5V, RL=10kΩ connected to V+/2, and VCM = V+/2, VOUT = V+/2, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current/Amplifier
IQ
IOUT=0
80
148
μA
Power Supply Rejection Ratio
PSRR
V+=1.8V ~ 5.5V
93
120
dB
Input Offset Voltage
VOS
14
25
uV
Input Bias Current
IB
130
pA
Input Offset Current
IOS
140
pA
Common-Mode Voltage Range
VCM
V--0.1
V+-0.1
V
Common-Mode Rejection Ratio
CMRR
VIC=0V ~ 5V
89
110
dB
Output Voltage Swing from Rail
Vo
RL=10kΩ
24
35
mV
Large Signal Voltage Gain
AV
RL=10kΩ
95
121
dB
Short-Circuit Current
ISC
Sourcing, VO=V+
-32
mA
Sinking, VO=V-
38
mA
Slew Rate
SR
GV=1
0.25
V/μs
Gain-Bandwidth Product
GBW
CL=100pF
350
KHz
Input-Referred Voltage Noise
en
f=0.1kHz~10Hz
2
nV/
Hz
Note: Specified by design and characterization. Amplifiers are 100% production screened at 25°C to reduce
defective units.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com