Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

862002 Datasheet(PDF) 1 Page - Alpha Wire

Part # 862002
Description  20 (19/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

862002 Datasheet(HTML) 1 Page - Alpha Wire

  862002 Datasheet HTML 1Page - Alpha Wire 862002 Datasheet HTML 2Page - Alpha Wire 862002 Datasheet HTML 3Page - Alpha Wire 862002 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 862002
Construction
 
Diameters (In)
1) Component 1
2 X 1 COND
 
a) Conductor
20 (19/32) AWG Tinned Copper
0.040
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.060
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
RED
 
2) Cable Assembly
2 Components Cabled
 
a) Twists:
9.6 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to OUTSIDE
LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Jacket
0.040" Wall, Nom.,PVC
0.204+/- 0.010
a) Color(s)
Slate, White
b) Print
ALPHA WIRE-* P/N 862002 2C 20 AWG
XTRAGUARD(R) CONTINUOUS FLEX DATA CABLE
(UL) TYPE PLTC 105C OR TYPE CM 105C SUN RES OR
C(UL) CMG OR AWM 2661 105C 300V --- LLXXXXXX
CSA AWM I/II A/B FT4 105C 300V CE
ROHS OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications


Similar Part No. - 862002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
86200001009 LITTELFUSE-86200001009 Datasheet
536Kb / 2P
860/862 Series Enclosed Fuseholders for 5횞20mm and 6.2x32mm Fuses
Revised: 05/17/21
86200001009 LITTELFUSE-86200001009  Datasheet
530Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Panel/Circuit Board Mounted
05/17/21
logo
Alpha Wire
8620012CY ALPHAWIRE-8620012CY Datasheet
412Kb / 4P
20 (19/32) AWG Tinned Copper
862003CY ALPHAWIRE-862003CY Datasheet
411Kb / 4P
20 (19/32) AWG Tinned Copper
862004 ALPHAWIRE-862004 Datasheet
410Kb / 4P
20 (19/32) AWG Tinned Copper
More results

Similar Description - 862002

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1346631 ETC2-1346631 Datasheet
98Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1351711 ETC2-1351711 Datasheet
99Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
9892 ETC2-9892 Datasheet
104Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com