Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP08DP05TTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STP08DP05TTR
Description  Low voltage 8-Bit constant current Led sink with full outputs error detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08DP05TTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STP08DP05TTR Datasheet HTML 15Page - STMicroelectronics STP08DP05TTR Datasheet HTML 16Page - STMicroelectronics STP08DP05TTR Datasheet HTML 17Page - STMicroelectronics STP08DP05TTR Datasheet HTML 18Page - STMicroelectronics STP08DP05TTR Datasheet HTML 19Page - STMicroelectronics STP08DP05TTR Datasheet HTML 20Page - STMicroelectronics STP08DP05TTR Datasheet HTML 21Page - STMicroelectronics STP08DP05TTR Datasheet HTML 22Page - STMicroelectronics STP08DP05TTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
STP08DP05
Detection mode functionality
19/30
10.2
Phase two: “error detection“
The eight data bits must be set “1“ in order to set ON all the outputs during the detection.
The data are latched by LE/DM1 and after that the outputs are ready for the detection
process. When the Micro controller switches the OE/DM2 to LOW, the device drives the
LEDs in order to analyze if an OPEN or SHORT condition has occurred.
The LEDs status will be detected at least in 1 microsecond and after this time the
microcontroller sets OE\DM2 in HIGH state and the output data detection result will go to
the microprocessor via SDO.
Detection mode and normal mode use both the same format data. As soon as all the
detection data bits are available on the serial line, the device may go back to normal mode
of operation. To re-detect the status the device must go back in normal mode and re-
entering in error detection mode .
Figure 17. Detection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com