Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3616SF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3616SF
Description  Multiple voltage regulator with battery detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3616SF Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3616SF Datasheet HTML 1Page - NXP Semiconductors TDA3616SF Datasheet HTML 2Page - NXP Semiconductors TDA3616SF Datasheet HTML 3Page - NXP Semiconductors TDA3616SF Datasheet HTML 4Page - NXP Semiconductors TDA3616SF Datasheet HTML 5Page - NXP Semiconductors TDA3616SF Datasheet HTML 6Page - NXP Semiconductors TDA3616SF Datasheet HTML 7Page - NXP Semiconductors TDA3616SF Datasheet HTML 8Page - NXP Semiconductors TDA3616SF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2000 Jan 14
4
Philips Semiconductors
Objective specification
Multiple voltage regulator with battery
detection
TDA3616
PINNING
Note
1. The i.c. pins are connected to each other by the leadframe and can be kept floating or can be connected to ground.
SYMBOL
PIN
DESCRIPTION
SOT163-1
SOT110-1
i.c.
1, 10, 11, and 20
−
interconnected; heat spreader; note 1
n.c.
2, 3, 8, 9, 12, 13
and 19
−
not connected; heat spreader
VI(bat)
4
6
battery input voltage
VO(bat)
5
7
battery detection output voltage
VC
6
8
reset delay capacitor
GND
7
9
ground (0 V)
RES2
14
1
reset 2 output
RES1
15
2
reset 1 output
REG
16
3
regulator output
VP
17
4
supply voltage
BU
18
5
backup
Fig.2 Pin configuration (SOT163-1).
The i.c. and n.c. pins can be connected to a heat spreader.
handbook, halfpage
i.c.
n.c.
n.c.
n.c.
n.c.
i.c.
i.c.
n.c.
BU
VP
RES1
RES2
REG
n.c.
n.c.
i.c.
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA3616T
MGR093
VI(bat)
VO(bat)
VC
GND
handbook, halfpage
TDA3616SF
MGL930
1
2
3
4
5
6
7
8
9
RES2
RES1
REG
VP
BU
VI(bat)
VO(bat)
VC
GND
Fig.3 Pin configuration (SOT110-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com