Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # US1
Description  SMA ultra fast low-loss controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

US1 Datasheet(HTML) 5 Page - NXP Semiconductors

  US1 Datasheet HTML 1Page - NXP Semiconductors US1 Datasheet HTML 2Page - NXP Semiconductors US1 Datasheet HTML 3Page - NXP Semiconductors US1 Datasheet HTML 4Page - NXP Semiconductors US1 Datasheet HTML 5Page - NXP Semiconductors US1 Datasheet HTML 6Page - NXP Semiconductors US1 Datasheet HTML 7Page - NXP Semiconductors US1 Datasheet HTML 8Page - NXP Semiconductors US1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2000 Feb 14
5
Philips Semiconductors
Product specification
SMA ultra fast low-loss
controlled avalanche rectifiers
US1 series
handbook, halfpage
100
0
20
40
VR (%VRmax)
IR
(
µA)
60
80
102
10
1
10−1
10−2
10−3
MCD807
Tj = 165 °C
Tj = 25 °C
Fig.6
Reverse current as a function of reverse
voltage; typical values.
US1A to G
f = 1 MHz; Tj =25 °C.
handbook, halfpage
100
0
20
40
VR (%VRmax)
IR
(
µA)
60
80
102
10
1
10−1
10−2
10−3
MCD806
Tj = 165 °C
Tj = 25 °C
Fig.7
Reverse current as a function of reverse
voltage; typical values.
US1J
f = 1 MHz; Tj =25 °C.
handbook, halfpage
102
10
1
MCD798
10−2
10−1
1
VR (V)
Cd
(pF)
10
102
Fig.8
Diode capacitance as a function of reverse
voltage; typical values.
US1 A to G
f = 1 MHz; Tj =25 °C.
handbook, halfpage
102
10
1
MCD797
10−2
10−1
1
VR (V)
Cd
(pF)
10
102
US1J
f = 1 MHz; Tj =25 °C.
Fig.9
Diode capacitance as a function of reverse
voltage; typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com