Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67PR20KLFTB Datasheet(PDF) 2 Page - Bi technologies

Part # 67PR20KLFTB
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

67PR20KLFTB Datasheet(HTML) 2 Page - Bi technologies

  67PR20KLFTB Datasheet HTML 1Page - Bi technologies 67PR20KLFTB Datasheet HTML 2Page - Bi technologies 67PR20KLFTB Datasheet HTML 3Page - Bi technologies 67PR20KLFTB Datasheet HTML 4Page - Bi technologies 67PR20KLFTB Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TOP ADJUSTMENT (Inch/mm)
Schematic Diagram This Surface
Max.
.195
4.95
.375
± .015
9.53
± 0.38
.062
± .015
1.58
± 0.38
.062
± .015
1.58
± 0.38
.021
± .003
0.53
± 0.076
.145
3.683
Standard Marking This Surface
(3) (2) (1)
.18
4.6
.015
± .005
0.38
± 0.13
.410
10.4
Metal Adjustment Screw
Dia. With
±.005
±0.13
.090
2.29
Wide x
.020
±.005
0.51
±0.13
Depth
.025
±.005
0.64
±0.13
Terminal Pins (3)
Solderable
Dia.
.10
2.5
.10
2.5
.100
± .015
2.54
± 0.38
.187
± .015
4.75
± 0.38
Model 67W and 67Y
Model 67W
.100
2.54
.03
0.8
.10
2.5
.10
2.5
.187
± .015
4.75
± 0.38
Model 67Y
Model 67
1-46
STANDARD RESISTANCE VALUES, OHMS
10
200
5K
50K
500K
20
500
10K
100K
1Meg
50
1K
20K
200K
2Meg
100
2K
25K
250K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com