Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI-88 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-88
Description  PoE Detection and Classification (Class 0-3) Interface Circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-88 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-88 Datasheet HTML 1Page - Power Integrations, Inc. DI-88 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-88
DPA-Switch PoE Detection and
Classification (Class 0-3) Interface Circuit
Design Highlights
• Simple interface for Power Over Ethernet (PoE) Powered
Devices (PDs)
• Includes PoE detection and classification circuits for all
classes (0, 1, 2 and 3)
• Compliance to IEEE802.3af PoE standards verified by
University of New Hampshire Interopability Consortium
(UNH-IOC)*
• Includes under voltage lockout (42 VDC on, 34 VDC off)
PoE Detection and Classification
PoE is becoming widely adopted for networking and VoIP
telecom applications. A typical PD solution is shown in
Figure 1 and has a PoE interface circuit and a DPA-Switch
DC-DC converter block (see EPR-68 for full details of
operation of the DC-DC converter).
The PoE specification requires the PD to implement
three functions: detection, classification and pass-switch
connection.
Detection occurs as the input voltages rises from 2.5 to
10 VDC. Resistor R31 within the PD presents the detection
impedance to the PSE.
Classification occurs as the input voltages rises from 14.5 to
20.5 VDC. The sending device determines the class of the PD
by monitoring the amount of current drawn by the PD during
this phase. For classes 1, 2 and 3, the classification current (I
CL),
is programmed by resistor R34, as per the table.
Components R32, R33, R34, R35, Q31, Q32, Q33, Q34, VR31
and U31 are not installed for Class 0 applications, and the
classification current is programmed by R31 (24.9 k).
Operation
ResistorR31providesthedetectionimpedance.Inordertoallow
correct operation over the detection voltage range, Zener diode
www.powerint.com
Figure 1. PoE Interface Circuit – Class 2.
DI-88
®
November 2005
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
PoE/VoIP
DPA423G
6.49 W
36-57 VDC
3.3 V
Flyback
Class
P
OUT
(min)
P
OUT
(max)
I
CL
(min)
I
CL
(max)
R34
W
W
mA
mA
Ohms
0
0.44
12.95
0.5
4
-
1
0.44
3.84
9
12
133
2
3.84
6.49
17
20
69.8
3
6.49
12.95
26
30
45.3
+
D
S
C
L
F
X
CONTROL
DPA-Switch
U1
DPA423G
U2
PC357
N1TA
Q20
MMBTS
3906
U3
CAT431L
1
2
3
9,10
6,7
4
5
PI-4042-111005
Q35
100 V
0.250 m
Ω
Q34
Q33
Q31
Q32
U31
1%
VR33
15 V
VR3
SMAJ
150A
VR32
27 V
R31
24.9 k
Ω
1%
J2-1
3.3 V, 2 A
J2-2
RTN
R36
51 k
Ω
R6
8.66 k
Ω
1%
R9
51
Ω
C5
0.1
µF
C12
0.33
µF
C13
0.1
µF
C6
22
µF
10 V
R4
1 M
Ω
1%
R5
649 k
Ω
1%
R10
75
Ω
R23
174 k
Ω
1%
R21
10 k
Ω
R22
10 k
Ω
R11
1 k
Ω
R12
34 k
Ω
1%
R13
20.0 k
Ω
1%
R7
10 k
Ω
D1
SL42
L2
1
µH, 2 A
C7
330
µF
6 V
C8
330
µF
6 V
C9
330
µF
6 V
C10
1
µF
10 V
D2
BAV21
C4
1000 pF
1500 V
C1
1.5
µF
100 V
L1
10
µH
1 A
C2
1.5
µF
100 V
R37
220 k
Ω
R35
100 k
Ω
R33
2 k
Ω
1%
VR31
11 V
R34
69.8
Ω
1%
C11
1
µF
50 V
PoE Interface
(1,2)
(4,5)
(3,6)
(7,8)
Ethernet
(RJ-45)
Connector
D101
DL4002
DL4002
D102
D103
DL4002
DL4002
D104
D105
DL4002
DL4002
D106
D107
DL4002
DL4002
D108
R32
100 k
Ω
*UNH-IOC test reports are available on the PI website www.powerint.com/poe


Similar Part No. - DI-88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DI-8884A ETC2-DI-8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
More results

Similar Description - DI-88

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-70 POWERINT-DI-70 Datasheet
348Kb / 2P
PoE Detection and Classification (Class 0) Interface Circuit
logo
Macronix International
MX25L4006EM1I-12G MCNIX-MX25L4006EM1I-12G Datasheet
1Mb / 52P
Serial Peripheral Interface compatible --Mode 0 and Mode 3
MX25L12845EMI-10G MCNIX-MX25L12845EMI-10G Datasheet
2Mb / 74P
??Serial Peripheral Interface compatible - Mode 0 and Mode 3
logo
STMicroelectronics
AN4172 STMICROELECTRONICS-AN4172 Datasheet
604Kb / 16P
IEEE802.3af class 3 PoE converter reference design
02-Oct-2012
logo
ON Semiconductor
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
Headset Detection Interface Interface
June, 2014 ??Rev. 5
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
Headset Detection Interface Interface
June, 2014 ??Rev. 3
logo
SEMTECH ELECTRONICS LTD...
1.5KE SEMTECH_ELEC-1.5KE Datasheet
528Kb / 4P
Plastic package has UL flammability Classification 94V-0
logo
Molex Electronics Ltd.
0857910020 MOLEX1-0857910020 Datasheet
39Kb / 2P
PDJack Gigabit POE Class 0
0857913020 MOLEX1-0857913020 Datasheet
39Kb / 2P
PDJack Gigabit POE Class 3
logo
Maxim Integrated Produc...
MAX5969BEVKIT MAXIM-MAX5969BEVKIT Datasheet
828Kb / 9P
PD Detection and Configurable Classification Signatures
Rev 0; 3/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com