Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR91G Datasheet(PDF) 2 Page - Advanced Power Technology

Part # BFR91G
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

BFR91G Datasheet(HTML) 2 Page - Advanced Power Technology

  BFR91G Datasheet HTML 1Page - Advanced Power Technology BFR91G Datasheet HTML 2Page - Advanced Power Technology BFR91G Datasheet HTML 3Page - Advanced Power Technology BFR91G Datasheet HTML 4Page - Advanced Power Technology BFR91G Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BFR91
BFR91G
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Rev A 9/2005
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
(off)
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
12
-
-
Vdc
BVCB0
Collector-Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
15
-
-
Vdc
BVEBO
Emitter-Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
3.0
-
-
Vdc
ICBO
Collector Cutoff Current
(VCB = 5.0 Vdc, VBE = 0 Vdc)
-
-
50
nA
(on)
HFE
DC Current Gain
(IC = 30 mAdc, VCE = 5.0 Vdc)
25
-
250
-
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Ftau
Current-Gain – Bandwidth Product
(IC = 30 mA, VCE = 5.0 Vdc, f = 0.5 GHz)
-
5.0
-
GHz
CCB
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
-
0.7
1.0
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com