Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI-118 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-118
Description  4.5 W CV/CC Charger with <260 mW No-Load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-118 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-118 Datasheet HTML 1Page - Power Integrations, Inc. DI-118 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart,
Clampless, E-Shield, Filterfuse, PI Expert and PI FACTS are trademarks of Power Integrations, Inc.
Other trademarks are property of their respective companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-118
Rev. A 09/06
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
voltage via R6 and R7 and drives the optocoupler. However,
the control shifts to CC mode of operation when the voltage
across R3 exceeds the forward drop of the photo-diode in U2.
TinySwitch-III
allowsthissimpleCCsensingschemetobeused,
while still meeting active mode efficiency requirements.
Key Design Points
• Verify that the maximum drain voltage is <650 V at high
line and maximum overload condition. Adjust the values of
R1 and C4 as necessary. However, avoid making the clamp
circuit too large (ie. low value of R1 and high value of C4),
as this will increase the no-load power consumption.
• Selecting a fast diode vs. an ultra-fast diode for D5 will
improve efficiency by recovering leakage energy. If glass
passivated (1N4007GP) is unavailable a FR107 may be used.
• For consistent EMI performance in production,
manufacturing variations in transformer T1 must be
minimizedfromunittounit. Thisisespeciallyimportant
in designs that do not use a Y-capacitor.
• Placetapebetweentheprimarywindinglayerstoreduce
intra-winding capacitance. This will help reduce the
no-load consumption.
Table 1. Transformer Design Parameters.
T.I.W.: Triple Insulated Wire, NC: No Connection
TRANSFORMER PARAMETERS
Core Material
EE16, NC-2H material or equiv-
alent, gap for A
LG of 156 nH/T
2
Bobbin
5+5 pin horizontal
Winding Details
Shield: 28T, 2
×33 AWG
Primary: 120T, 33 AWG
Shield: 8T, 2
×27 AWG
5.7 V: 10T, 25 AWG T.I.W.
Winding Order
(pin numbers)
Shield (3-NC), tape,
primary (2-1), tape,
shield (NC-3), tape,
5.7 V (10-7), tape
Inductance
Primary: 2.25 mH
±12%
Leakage: 45
µH (max)
Primary Resonant
Frequency
850 kHz (min)
Figure 2. Worst-Case Conducted EMI (Output RTN Connected
to Artificial Hand Input of LISN).
1.0
EN55022B Limits
0.15
10.0
100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
0
200
100
400
300
500
700
800
600
900
Output Current (mA)
6.5
6
5.5
5
4.5
3.5
4
3
2.5
2
1.5
1
0.5
0
115 VDC
230 VDC
Low Limit
High Limit
Figure 3. Typical Output Characteristics.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com