Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI-119 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-119
Description  Cordless Phone Linear Adapter Replacement with 10 kV Surge Withstand
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-119 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-119 Datasheet HTML 1Page - Power Integrations, Inc. DI-119 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart,
Clampless, E-Shield, Filterfuse, PI Expert and PI FACTS are trademarks of Power Integrations, Inc.
Other trademarks are property of their respective companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-119
Rev. A 09/06
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
Table 1. Transformer Design Parameters.
TIW = Triple Insulated Wire, NC = No Connect, FL = Flying Lead
Elimination of the optocoupler and Y1 capacitor allowed the
necessary printed circuit board (PCB) clearance and creepage
to be obtained to withstand a 10 kV surge. The use of triple
insulated wire for the secondary winding that terminates onto
the PCB as flying leads (J4 & J5) allows the necessary creepage
from primary to secondary. Figure 2 shows the PCB layout.
Key Design Points
• Verify maximum drain voltage is <650 V at high
line, maximum overload. For EMI repeatability, the
transformer must be manufactured consistently. This is
especially important in designs with no Y-capacitor.
• Using a fast diode for D1 improves EMI.
• Make sure the PCB layout provides 10 mm clearance
and 15 mm creepage distance (use a slot in the PCB to
increase creepage distance).
• Provide a path for surge discharge currents to go around
sensitive electronic components (see spark gap (B) in
Figure 2).
• To prevent arcing, keep the PCB surfaces clean. Remove
flux and any other contaminants.
TRANSFORMER PARAMETERS
Core Material
EE16, gap for A
LG of 113 nH/T
2
Bobbin
4+4 pin horizontal
Winding Details
Bias/Shield: 29T, 2
× 37 AWG
Primary: 176T, 37 AWG
Shield: 15T, 2
×32 AWG
Secondary: 17T, 30 AWG TIW
Winding Order
(pin numbers)
Bias/Shield (3-4), tape, primary
(2-1), tape, shield (NC-1), tape,
7.7 V (FL-FL), tape
Inductance
Primary: 3.5 mH ±10%
Leakage: 105
µH (max)
Primary Resonant
Frequency
250 kHz (min)
Figure 3. Typical Output Characteristics.
Figure 2. PCB Layout – Extended Clearance and Creepage
Provided by Slot (A). Spark Gap Provided to Route High
Currents Back to Input and Around Electronics (B).
0
0.2
0.1
0.3
0.4
0.5
0.6
0.7
Output Current (A)
12
10
8
6
4
0
2
85 VAC
265 VAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com