Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI-122 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-122
Description  13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-122 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-122 Datasheet HTML 1Page - Power Integrations, Inc. DI-122 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch,LinkSwitch, DPA-Switch,PeakSwitch,EcoSmart,
Clampless,
E-Shield,Filterfuse,StackFET, PI ExpertandPI FACTS are trademarks of Power
Integrations, Inc. Other trademarks are property of their respective companies. ©Copyright 2007, Power Integrations,
For the latest updates, visit
www.powerint.com
DI-89 DI-122
Rev. A 1/07
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
Table 2. Transformer Construction Information.
Key Design Points
• The secondary side bias current, set by R7, should be kept
lowtominimizelightloadandno-loadpowerconsumption.
• The output voltage that is reflected across the transformer
(V
OR)shouldbekeptlowtominimizethelossesinthe
primary side RCD clamp.
•Optimizetheturnsratioofthetwooutputsforvoltage
centering.
• For good output cross regulation, design for continuous
conductionmode(minimizethevalueofK
Pinthe
PI Xls
spreadsheet).
• Use a Schottky diode for D3 to limit EN/UV pin >-0.3V.
• AstheforwarddropofD3isafunctionoftemperature,diode
type and current, use a schottky diode. Do not reduce the
value of R3, and verify EN/UV pin absolute maximum
ratingsareobservedatlowtemperatures(~<-10°C).
TRANSFORMER PARAMETERS
Core Material
EF20 TDK PC40, or equivalent
A
LG of 142 nH/T
2
Bobbin
EF20, 10 pin (5 + 5)
Winding Details
Shield: 23T, Primary: 95T
Shield: 9T (trifilar), –5 V: 5T,
–12 V: 7T
Primary
Inductance
1.28 mH
±10%
Figure 3. Conducted EMI at 230 VAC, Full Load.
Figure 2. Full Load Efficiency vs. Input Voltage.
-5 V
-12 V
20% on -5 V,
100% on -12 V
-5.05 V
-11.49 V
100% on -5 V,
20% on -12 V
-5.03 V
-12.95 V
100% on -5 V,
5% on -12 V
-5.02 V
-13.90 V
Table 1. Worst Case Cross Regulation at 85 VAC.
85
115
175
145
235
205
265
AC Input Voltage (V)
82
80
78
76
74
72
70
Nominal Load
1.0
EN55022B Limits
0.15
10.0
70.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
QP
AV
• ThevalueofR4canbeusedtomakesmalloutput
voltageadjustments.
• Theregulationpointisthesumofthevoltageratingof
VR1,V
BE(Q1)andthevoltageacrossR4((VBE(Q1)/R7)×R4).
• BiasingtheZenerbelowitstestcurrentlowersits
voltagedrop,inthiscaseto~4.3V.
•Selecttransformerwiregaugesizessothateachwinding
layer occupies the entire bobbin width (lowers leakage
inductanceandimprovesoutputcrossregulation).
• Use option to add E-ShieldwindingsinPI Transformer
Designer
softwaretoreduceconductedEMInoise
generation.
• No-load power consumption can be lowered by adding a
biaswindingtofeedthesupplycurrentofU1intotheBPpin.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com