Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI-128 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-128
Description  35 W (75 W Peak) Variable-speed DC Motor Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-128 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-128 Datasheet HTML 1Page - Power Integrations, Inc. DI-128 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart,
Clampless, E-Shield, Filterfuse, StackFET, PI Expert and PI FACTS are trademarks of Power
Integrations, Inc. Other trademarks are property of their respective companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-128
Rev. A 11/06
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
function within U1, a shield winding in T1, and two small
Y-capacitors (C10 and C19) across T1 reduce the generation of
conducted EMI so that a single common mode choke (L1), a
small X-capacitor (C3) and two smallY-capacitors (C1 and C2)
attheinputallowthesupplytomeetEN55022Blimitswithmore
than 12 dBµV of margin. A combination RCD-Zener clamp
(R3, C5, D6 and VR1) limits the peak drain-node voltage to
below the 700 V rating of the integrated MOSFET.
If JP3 is removed, an external variable resistor (R20) adjusts
the voltage across R12 and therefore, the output voltage.
The externally supplied motor speed regulating voltage
(3.6to10VDC)changesthevoltageatthenodeofR12andVR2,
which effectively adjusts the output voltage. Diode D12 blocks
reverse current flow through R19 if the external adjustment
voltage is less than about 3.6 VDC.
Key Design Points
• The externally supplied voltage adjusts the motor speed as
follows: ≤3.6 V sets the output voltage to about 12 V (the
highest motor speed) and ≥7 V sets the output voltage to
about 2 V (the lowest motor speed).
• If the resistive speed control circuit is to be used, jumper
J3 must be removed from the PCB.
Figure 3. Conducted EMI: 230 VAC in, I
OUT = 4 A (48 W).
Figure 2. Efficiency Across Extended Motor Load Range.
• If the motor is stopped externally for more than
30 ms, U1ʼs latching shutdown function activates, and
MOSFET switching latches off until AC input power
is removed and reapplied. If latching shutdown is not
needed,thefunctioncanbedisabledandthepartscount
reduced by not installing D5, C7, R5 and R6.
1
5
3
8
10 15
30 35
25
20
50
40
Output Power (W)
100
80
60
40
20
0
1.0
0.15
10.0
100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
QP
AV
Table 1. Transformer Design Parameters.
TIW = Triple Insulated Wire, NC = No Connect, FL = Flying Lead
TRANSFORMER PARAMETERS
Core Material
PC40EE25-Z
Bobbin
EE25 Vertical
Winding Details
1/2 Primary: 19T, 2
× 31 AWG
Bias: 5T, 2
×29 AWG
Secondary: 4T, 4
×23 AWG
Shield: 7T, 4
×23 AWG
1/2 Primary: 19T, 2
× 31 AWG
Winding Order
(pin numbers)
1/2 Primary (1-3), Bias (4-5),
Secondary (7,8-9, 10), Shield
(1-NC), 1/2 Primary (3-2)
Inductance
145
µH
Leakage
Inductance
5.4
µH
Primary Resonant
Frequency
3.4 MHz (minimum)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com