Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI-131 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-131
Description  LED Driver for Halogen Light Bulb Retrofit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-131 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-131 Datasheet HTML 1Page - Power Integrations, Inc. DI-131 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-131
LinkSwitch-TN
LED Driver for Halogen Light Bulb Retrofit
Figure 1. 3 W LED, Halogen Bulb Replacement using LinkSwitch-TN in Non-Isolated Buck Converter Technology.
DI-131
March 2007
Application
Device
Power Output Input Voltage
Output Voltage
Topology
LED Lighting LNK306DN
3 W
85-265 VAC
10 V
TYP (9-15 V), 300 mA
Non-isolated Buck
Design Highlights
• FitsinsidestandardGU10lampbase
• Constantcurrent(CC)output
• DrivecurrentindependentofLEDV
Fvariations
• Tightlineregulation(±5%)forconstantlightoutput
• Noannoyinglinefrequencyflicker
• Universalinputvoltagerange
• Asingledesigncanbesoldworldwide
• Consistentlyhighefficiencyacrossentirerange
• MeetsEN55022BconductedEMIlimits
• Completeovervoltageandovertemperatureprotection
• Operatesunloaded:canbetestedwithouttheLEDs
• Auto-restart:withstandsshortedoutputindefinitely
• Thermalshutdown:protectsentirelampassembly
Operation
The non-isolated buck converter shown in Figure 1 was
designedaroundamemberoftheLinkSwitch-TNICfamily,
the LNK306DN (U1).A LNK306 was selected since its
minimumcurrentlimit(450mA)ensuresthatitwillbeable
todelivertherequired330mAofoutputcurrent.
DiodebridgeBR1rectifiestheACinputwhilecapacitorsC1
andC2filterit.InductorL1andRF1attenuateconductedEMI.
Incaseofacomponentfailure,RF1willactasafuse.
TheMOSFETwithinU1,diodeD3,inductorL2andcapacitor
C3formthebuckconverterstage.Thecontrollerwithin
U1regulatestheoutputcurrentbyenablinganddisabling
MOSFETswitchingcycles.
During normal operation, the output current develops a
voltagedropacrossR8andR10,whichisimpressedacross
C6.WhenthevoltageacrossC6exceedstheV
BE of Q1,
Q1andQ2bothturnon.WhenQ2turnson,currentis
injectedintotheFEEDBACK(FB)pinofU1fromC5,via
R3.WheneverthecurrentintotheFBpinexceeds49mA,
MOSFETswitchingisdisabled.Thecontrolleradjuststhe
ratioofenabledanddisabledcyclestoregulatetheoutput
currentat330mA.
Duringno-loadoperation,theoutputvoltageissensedby
D1,D2andC2.ThevoltageacrossC5feedscurrentinto
theFBpinofU1throughdividerR7andR1.TheFBpin
®
J4
9-15 V,
300 mA
J3
L
N
PI-4575-030707
FB
BP
S
D
LinkSwitch-TN
C1
4.7
µF
380 V
C4
100 nF
25 V
D1
BAV21WS-7-F
Q1
MMST3904
Q2
MMST3906
D2
BAV21WS-7-F
BR1
MB6S
600 V
D3
MURS160T3
85-265
VAC
U1
LNK306DN
C3
2.2
µF
25 V
C5
100 nF
25 V
C6
100 nF
25 V
RF1
10
Ω
2.5 W
R7
30 k
Ω
R3
10 k
Ω
R1
4.7 k
Ω
R9
4.7 k
Ω
R6
10 k
Ω
R4
10 k
Ω
R8
2
Ω
L2
1 mH
L1
1 mH
R10
12
Ω
C2
4.7
µF
380 V
R11
1 k
Ω


Similar Part No. - DI-131

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-13 POWERINT-DI-13 Datasheet
38Kb / 2P
3 W Universal Adapter
DI-130 POWERINT-DI-130 Datasheet
945Kb / 2P
Passive PFC LED Lighting Supply
DI-133 POWERINT-DI-133 Datasheet
334Kb / 2P
Non-isolated Induction Cooktop Auxiliary Supply
DI-134 POWERINT-DI-134 Datasheet
388Kb / 2P
Audio Amplifier Power Supply
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
1.2 W, Non-isolated Dual Output Supply for White Goods
More results

Similar Description - DI-131

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HZD2C2NC DIALIGHT-HZD2C2NC Datasheet
135Kb / 2P
SafeSite짰 LED Area Light with Retrofit Adapter Kit
logo
PARA LIGHT ELECTRONICS ...
E26F7WXXG0-A22P PARALIGHT-E26F7WXXG0-A22P Datasheet
159Kb / 6P
LED A22 E26 Light Bulb
E26F10WXXG0-A22P PARALIGHT-E26F10WXXG0-A22P Datasheet
159Kb / 6P
LED A22 E26 Light Bulb
E26F10WXXG0-A22U PARALIGHT-E26F10WXXG0-A22U Datasheet
145Kb / 6P
LED A22 E26 Light Bulb
E27F8WCWE0-A19C1 PARALIGHT-E27F8WCWE0-A19C1 Datasheet
247Kb / 6P
LED A19 E27 Light Bulb
E27F10WXXE1-A22C PARALIGHT-E27F10WXXE1-A22C Datasheet
240Kb / 6P
LED A22 E27 Light Bulb
logo
Ningbo Foryard Optoelec...
FYA60-3020UW-4W FORYARD-FYA60-3020UW-4W Datasheet
708Kb / 4P
LED Light Bulb
FYA60-3020UW-6W FORYARD-FYA60-3020UW-6W Datasheet
711Kb / 4P
LED Light Bulb
logo
Infineon Technologies A...
AN-EVALLED-ICL8002G-B2 INFINEON-AN-EVALLED-ICL8002G-B2 Datasheet
2Mb / 23P
Phase Cut Dimmable Non-isolated Buck Converter for LED Retrofit Bulb with
Revision 1.1, 2012 -08 -03
logo
Rohm
R-B101L1 ROHM-R-B101L1 Datasheet
1Mb / 2P
LED Light Bulb
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com