Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM0502 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SM0502
Description  CERAMIC MELF PIN DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM0502 Datasheet(HTML) 1 Page - Microsemi Corporation

  SM0502 Datasheet HTML 1Page - Microsemi Corporation SM0502 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Control Devices
Microsemi – Lowell
75 Technology Drive, Lowell, MA 01851 Tel. (978) 442-5600
CERAMIC MELF PIN DIODES
• Magnetic/Non-Magnetic“Cer-Met”
(MELF) Packages
• Very Low Inductance, Full Faced
Bonding
• Hermetic, Low Loss and Low Distortion
Applications
• High Volume Manufacturing Capability
• 100% TX Screening Available
DESCRIPTION
This new line of ‘MELF’ high power PIN diodes are
hermetically sealed surface mount packaged devices
with full face bonded chips for low inductance
construction. The MELF ceramic package has square
end terminations which are ideal for surface mount and
pick and place operations. The PIN diode chips are
coated with a special hard glass passivation which is
required for high power applications to enhance the
reliability resulting in MTBF’s of greater than one million
hours.
APPLICATIONS
These MELF diodes are used as switching, attenuating
and phase shifting elements from HF through 2 GHz
and have breakdown voltage ratings up to 700 volts.
Non-magnetic “Cer-Met” (MELF’s) are also used as
switching elements in MRI (magnetic resonance
imaging) applications. Conventional magnetic MELF
packages are used in cellular, beam steering
applications, filter switch banks, and antenna tuning
units..


Similar Part No. - SM0502

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM0502 MICROSEMI-SM0502_09 Datasheet
166Kb / 3P
CONTROL DEVICES Surface Mount-Melf pin diodes
More results

Similar Description - SM0502

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-000234-10720_V3 MA-COM-MADP-000234-10720_V3 Datasheet
75Kb / 2P
MELF PIN Diode
logo
Microsemi Corporation
SM0502 MICROSEMI-SM0502_09 Datasheet
166Kb / 3P
CONTROL DEVICES Surface Mount-Melf pin diodes
logo
M/A-COM Technology Solu...
MADP-000234-10720 MA-COM-MADP-000234-10720 Datasheet
75Kb / 2P
MELF PIN Diode
logo
Tyco Electronics
MA4PH611 MACOM-MA4PH611 Datasheet
301Kb / 5P
MELF PIN Diode
logo
M/A-COM Technology Solu...
MADP-000234-10720 MA-COM-MADP-000234-10720_15 Datasheet
75Kb / 2P
MELF PIN Diode
MA4PH611 MA-COM-MA4PH611 Datasheet
301Kb / 5P
MELF PIN Diode
MA4P7418-1072T MA-COM-MA4P7418-1072T Datasheet
896Kb / 6P
SMQ MELF PIN Diode
MMP70XX-127 MA-COM-MMP70XX-127 Datasheet
682Kb / 4P
MELF PIN Diodes
logo
Jiangsu High diode Semi...
LL60 HDSEMI-LL60 Datasheet
1Mb / 4P
MINI MELF Glass-Encapsulate Diodes
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
MELF Glass-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com