Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4565A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CD4565A
Description  6.4 VOLT ZENER VOLTAGE 5%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CD4565A Datasheet(HTML) 1 Page - Microsemi Corporation

  CD4565A Datasheet HTML 1Page - Microsemi Corporation CD4565A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
193
• 1N4565A THRU 1N4584A AVAILABLE IN
JANHC AND JANKC
PER MIL-PRF-19500/452
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• 6.4 VOLT ZENER VOLTAGE + 5%
• ELECTRICALLY EQUIVALENT TO 1N4565 THRU 1N4584A
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER RELOW
CD4565
thru
CD4584A
Backside is not cathode and
must be electrically isolated.
T = Metallization Test Pad
DESIGN DATA
METALLIZATION:
Top: C (Cathode) ..................Al
A (Anode) ..................... Al
Back: .......................................Au
AL THICKNESS.........25,000
Å Min
GOLD THICKNESS......4,000
Å Min
CHIP THICKNESS. ..............10 Mils
CIRCUIT LAYOUT DATA:
Backside must be electrically
isolated.
Backside is not cathode.
For Zener operation cathode must
be operated positive with respect
to anode.
TOLERANCES: ALL
Dimensions + 2 mils
. NOTE 1 Zener impedance is derived by superimposing on l ZT A 60Hz rms a.c. current
equal to 10% of l ZT.
NOTE 2 The maximum allowable change observed over the entire temperature range
i.e.,the diode voltage will not exceed the speci½ed mV at any discrete
temperature between the established limits, per JEDEC standard No.5.
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
REVERSE LEAKAGE CURRENT
lR = 2 µA @ 25°C & VR = 3 Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed.
ZENER
EFFECTIVE
VOLTAGE
TEMPERATURE
MAXIMUM
TYPE
TEST
TEMPERATURE
TEMPERATURE
RANGE
ZENER
NUMBER
CURRENT
COEFFICIENT
STABILITY
IMPEDANCE
6.4V + 5%
l ZT
³VZT MAX
ZZT
-55° to + 100°
(Note 2)
(Note 1)
mA
%/°C
mV
°C
OHMS
CD4565
.5
.01
48
0 to + 75°C
200
CD4565A
.5
.01
100
-55 to + 100°C
200
CD4566
.5
.005
24
0 to + 75°C
200
CD4566A
.5
.005
50
-55 to + 100°C
200
CD4567
.5
.002
10
0 to + 75°C
200
CD4567A
.5
.002
20
-55 to + 100°C
200
CD4568
.5
.001
5
0 to + 75°C
200
CD4568A
.5
.001
10
-55 to + 100°C
200
CD4569
.5
.0005
2.5
0 to + 75°C
200
CD4569A
.5
.0005
5
-55 to + 100°C
200
CD4570
1.0
.01
48
0 to + 75°C
100
CD4570A
1.0
.01
100
-55 to + 100°C
100
CD4571
1.0
.005
24
0 to + 75°C
100
CD4571A
1.0
.005
50
-55 to + 100°C
100
CD4572
1.0
.002
10
0 to + 75°C
100
CD4572A
1.0
.002
20
-55 to + 100°C
100
CD4573
1.0
.001
5
0 to + 75°C
100
CD4573A
1.0
.001
10
-55 to + 100°C
100
CD4574
1.0
.0005
2.5
0 to + 75°C
100
CD4574A
1.0
.0005
5
-55 to + 100°C
100
CD4575
2.0
.01
48
0 to + 75°C
50
CD4575A
2.0
.01
100
-55 to + 100°C
50
CD4576
2.0
.005
24
0 to + 75°C
50
CD4576A
2.0
.005
50
-55 to + 100°C
50
CD4577
2.0
.002
10
0 to + 75°C
50
CD4577A
2.0
.002
20
-55 to + 100°C
50
CD4578
2.0
.001
5
0 to + 75°C
50
CD4578A
2.0
.001
10
-55 to + 100°C
50
CD4579
2.0
.0005
2.5
0 to + 75°C
50
CD4579A
2.0
.0005
5
-55 to + 100°C
50
CD4580
4.0
.01
48
0 to + 75°C
25
CD4580A
4.0
.01
100
-55 to + 100°C
25
CD4581
4.0
.005
24
0 to + 75°C
25
CD4581A
4.0
.005
50
-55 to + 100°C
25
CD4582
4.0
.002
10
0 to + 75°C
25
CD4582A
4.0
.002
20
-55 to + 100°C
25
CD4583
4.0
.001
5
0 to + 75°C
25
CD4583A
4.0
.001
10
-55 to + 100°C
25
CD4584
4.0
.0005
2.5
0 to + 75°C
25
CD4584A
4.0
.0005
5
-55 to + 100°C
25
6
LAKE
STREET,
LAWRENCE,
MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com


Similar Part No. - CD4565A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4565A CDI-DIODE-CD4565A Datasheet
253Kb / 2P
6.4 VOLT ZENER VOLTAGE 5%
More results

Similar Description - CD4565A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4565A CDI-DIODE-1N4565A Datasheet
243Kb / 2P
6.4 VOLT NOMINAL ZENER VOLTAGE 5%
CD4565 CDI-DIODE-CD4565 Datasheet
253Kb / 2P
6.4 VOLT ZENER VOLTAGE 5%
logo
American Microsemicondu...
1N4566A AMMSEMI-1N4566A Datasheet
298Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567 AMMSEMI-1N4567 Datasheet
298Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567A AMMSEMI-1N4567A Datasheet
298Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568 AMMSEMI-1N4568 Datasheet
298Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568A AMMSEMI-1N4568A Datasheet
298Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4569A AMMSEMI-1N4569A Datasheet
298Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4570 AMMSEMI-1N4570 Datasheet
298Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4570A AMMSEMI-1N4570A Datasheet
298Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com