Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH040S Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CH040S
Description  1 AMP SCHOTTKY RECTIFIER DIE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CH040S Datasheet(HTML) 1 Page - Microsemi Corporation

  CH040S Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - CH040S

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CH040103 JDSU-CH040103 Datasheet
621Kb / 2P
The industry?셲 most compact 100 G test solution
logo
Vishay Siliconix
CH0402 VISHAY-CH0402 Datasheet
144Kb / 11P
High Frequency 50 GHz Thin Film Chip Resistor
28-Aug-13
CH0402 VISHAY-CH0402 Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
CH0402F VISHAY-CH0402F Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
CH0402G VISHAY-CH0402G Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
More results

Similar Description - CH040S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5817G MICROSEMI-1N5817G Datasheet
116Kb / 3P
1 Amp Schottky Rectifier
5817SM MICROSEMI-5817SM Datasheet
116Kb / 3P
1 Amp Schottky Rectifier
HSM150 MICROSEMI-HSM150 Datasheet
76Kb / 2P
1 Amp Schottky Rectifier
HSM150G MICROSEMI-HSM150G Datasheet
90Kb / 2P
1 Amp Schottky Rectifier
logo
International Rectifier
10BQ100PBF IRF-10BQ100PBF Datasheet
123Kb / 7P
SCHOTTKY RECTIFIER 1 Amp
logo
Microsemi Corporation
CH054S MICROSEMI-CH054S Datasheet
66Kb / 1P
2 AMP SCHOTTKY RECTIFIER DIE
logo
International Rectifier
MBRS130LTRPBF IRF-MBRS130LTRPBF Datasheet
111Kb / 6P
SCHOTTKY RECTIFIER 1 Amp
logo
Digitron Semiconductors
1N5817 DIGITRON-1N5817 Datasheet
107Kb / 3P
1 AMP SCHOTTKY RECTIFIER
logo
Nanjing International G...
SMD15PL.1A-SOD-123FL DGNJDZ-SMD15PL.1A-SOD-123FL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
SMD18PL.1A-SOD-123FL DGNJDZ-SMD18PL.1A-SOD-123FL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com