Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3668AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3668AT
Description  Very low dropout voltage/quiescent current 5 V regulator with overvoltage switch off
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3668AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3668AT Datasheet HTML 1Page - NXP Semiconductors TDA3668AT Datasheet HTML 2Page - NXP Semiconductors TDA3668AT Datasheet HTML 3Page - NXP Semiconductors TDA3668AT Datasheet HTML 4Page - NXP Semiconductors TDA3668AT Datasheet HTML 5Page - NXP Semiconductors TDA3668AT Datasheet HTML 6Page - NXP Semiconductors TDA3668AT Datasheet HTML 7Page - NXP Semiconductors TDA3668AT Datasheet HTML 8Page - NXP Semiconductors TDA3668AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 Feb 01
4
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
5 V regulator with overvoltage switch off
TDA3668AT
FUNCTIONAL DESCRIPTION
The TDA3668AT is a fixed 5 V regulator which can deliver
output currents up to 100 mA. The regulator is available in
an SO8 package. The regulator is intended for portable,
mains, telephone and automotive applications.
To increase the lifetime of batteries, a specially built-in
clamp circuit keeps the quiescent current of this regulator
very low, also in dropout and full load conditions.
The regulator remains operational down to very low supply
voltages and at lower voltages it switches off.
A temperature protection circuit is included, which
switches off the regulator output at a junction temperature
above 150
°C.
A new output circuit guarantees the stability of the
regulator for a capacitor output circuit with an ESR up to
38
Ω. This is very attractive as the ESR of an electrolytic
capacitor increases strongly at low temperatures
(no expensive tantalum capacitor is required).
A load dump circuit (see Fig.3) and an overvoltage
protection circuit is built-in which will switch off the IC
above 28 V (typical value).
handbook, halfpage
MGS590
tr
VP
(V)
tf
50
14.4
t (ms)
Fig.3 Load dump pulse.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
−
24
V
load dump
−
50
V
VP(rp)
reverse polarity supply voltage
non-operating
−−25
V
Ptot
total power dissipation
temperature of PCB ground
plane is 25
°C
−
4.1
W
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
ambient temperature
−40
+125
°C
Tj
junction temperature
operating
−40
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air; soldered
125
K/W
Rth(j-c)
thermal resistance from junction to case
to centre pins; soldered
30
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com