Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3672 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3672
Description  Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3672 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3672 Datasheet HTML 4Page - NXP Semiconductors TDA3672 Datasheet HTML 5Page - NXP Semiconductors TDA3672 Datasheet HTML 6Page - NXP Semiconductors TDA3672 Datasheet HTML 7Page - NXP Semiconductors TDA3672 Datasheet HTML 8Page - NXP Semiconductors TDA3672 Datasheet HTML 9Page - NXP Semiconductors TDA3672 Datasheet HTML 10Page - NXP Semiconductors TDA3672 Datasheet HTML 11Page - NXP Semiconductors TDA3672 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Apr 26
8
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
3.0 V voltage regulator with enable
TDA3672
Additional application information
This section gives typical curves for various parameters measured on the TDA3672AT. Standard test conditions are:
VP = 14.4 V; Tamb =25 °C.
handbook, halfpage
010
VP (V)
Iq
(
µA)
20
30
25
0
20
15
10
5
MDA947
Fig.7
Quiescent current as a function of the
supply voltage.
IREG = 0 mA.
handbook, halfpage
010
50
4
3
1
0
2
20
30
VP (V)
Iq
(mA)
40
MDA949
Fig.8
Quiescent current as a function of high
supply voltage.
handbook, halfpage
−40
0
(1)
(2)
160
2
1.5
0.5
0
1
40
80
Tj (°C)
Iq
(mA)
120
MDA951
Fig.9
Quiescent current as a function of the
junction temperature.
(1) Iq at 50 mA load.
(2) Iq at 10 mA load.
handbook, halfpage
5
0.36
0.40
0.44
0.48
10
15
VP (V)
Iq
(mA)
25
20
MDA948
Fig.10 Quiescent current as a function of the
supply voltage.
IREG = 10 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com