Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 32 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
32 of 38
Table 7 shows a simple guideline for PCB trace resistance as a function of weight and trace width.
Table 7. PC Board Trace Resistance 1
WEIGHT (oz)
10mil WIDTH
20mil WIDTH
1
54.3
27.1
2
27.1
13.6
1
Trace resistance is measured in mΩ/in.
Output Noise
The LT3077 offers many advantages for noise performance. Traditional linear regulators have several sources of
noise. The most critical noise sources for a conventional regulator are its voltage reference, error amplifier, noise
from the resistor divider network used for setting output voltage, and the noise gain created by this resistor-divider.
LT3077’s unity-gain follower architecture presents no gain from the REF pin to the output. Therefore, if a capacitor
bypasses the REF pin internal resistor DAC, the output noise is independent of the programmed output voltage. The
resultant output noise is set just by the error amplifier’s noise — typically 3.5nV/√ from 10kHz to 1MHz and 1.2μVRMS
in a 10Hz to 100kHz bandwidth using a 4.7μF REF pin capacitor. Paralleling multiple LT3077s further reduces noise
by √ for N parallel regulators.
Filtering High Frequency Spikes
For applications where the LT3077 is used to post-regulate a switching converter, its high PSRR effectively
suppresses any noise present at the switcher’s switching frequency — typically 100kHz to 4MHz. However, the high
frequency (hundreds of MHz) spikes — beyond the LT3077’s bandwidth — associated with the switcher’s power
switch transition times almost directly pass through the LT3077. While the output capacitor is partly intended to
absorb these spikes, its ESL limits its ability at these frequencies. A ferrite bead or the inductance associated with a
short (example: 0.5 inch) PCB trace between the switcher’s output and the LT3077’s input can serve as an LC filter to
suppress these very high-frequency spikes.
Fast Start-Up
For ultra-low noise applications that require low 1/f noise (i.e., at frequencies below 100Hz), a larger value REF pin
capacitor is required, up to 22μF. While this normally significantly increases the regulator’s start-up time, the LT3077
incorporates fast start-up circuitry that increases the REF pin current to about 2mA during start-up. For a 22μF
capacitor, this reduces the start-up time from 100ms to 5ms.
The 2mA current source remains engaged until REF is 98.8% of its final value on the rising edge. It restarts when REF
is below 91% of the output setting on the falling edge unless the regulator is in the current limit, thermal shutdown
or any UVLO situation.
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com