Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM5841DVT Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM5841DVT
Description  5V, 3.5A, High Efficiency COT Mode Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5841DVT Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM5841DVT Datasheet HTML 1Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 2Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 3Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 4Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 5Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 6Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 7Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 8Page - Excelliance MOS Corp. EM5841DVT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2019/05/15
A.0
2
EM5841D
Pin Assignment
Pin Name Pin No.
Pin Function
FB
1
Feedback Voltage. A resistor divider from the output to GND is used to set the
regulation voltage.
VCC
2
Supply Voltage. This pin provides the bias supply for the EM5841. Ensure that a
decoupling capacitor is placed near the IC.
VIN
3
Main Power Conversion Input & Gate driver voltage supply.
PGND
4
Power Ground.
PGND
5
Power Ground.
SW
6,7
Switching node output. Connect to external inductor.
NC
8
Not Connect.
PG
9
Power Good Indicator. Requires external pull-up resistor.
EN
10
Enable. Pulling this pin lower than 0.4V disables the converter.
Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com