Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMB22C04H Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB22C04H
Description  N & P‐Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB22C04H Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB22C04H Datasheet HTML 1Page - Excelliance MOS Corp. EMB22C04H Datasheet HTML 2Page - Excelliance MOS Corp. EMB22C04H Datasheet HTML 3Page - Excelliance MOS Corp. EMB22C04H Datasheet HTML 4Page - Excelliance MOS Corp. EMB22C04H Datasheet HTML 5Page - Excelliance MOS Corp. EMB22C04H Datasheet HTML 6Page - Excelliance MOS Corp. EMB22C04H Datasheet HTML 7Page - Excelliance MOS Corp. EMB22C04H Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
 
2018/3/20
p.4
EMB22C04H
B22
C04
ABCDEFG
 
D
E
E1
b
D1
e
L2
L
M
A
C
D2
L1
L3
E2
4.6
0.6
0.50
1.27
Ordering & Marking Information: 
Device Name: EMB22C04H for EDFN 5 x 6
 
 
 
 
 
 
 
Outline Drawing 
 
 
 
 
 
 
 
 
 
 
 
Dimension in mm 
Dimension 
A 
b 
c 
D 
D1 
D2 
E 
E1 
E2 
e 
L 
L1 
L2 
M  
Min. 
0.85 
0.3 
0.15 
4.8 
3.41 
0.47 
5.65 
5.95 
3.30  
0.38 
0 
0.38 
0°  
 
Typ. 
1.01 
0.4 
0.2 
5 
4.01 
0.67 
5.75 
6.05 
3.43 
1.27 
0.55 
0.09 
0.48  
Max. 
1.17 
0.5 
0.25 
5.2 
4.61 
0.87 
5.85 
6.15 
3.58  
0.71 
0.18 
0.58 
12° 
Recommended minimum pads
 
 
 
 
 
 
B22C04: Device Name 
ABCDEFG: Date Code 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com