Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9-412145 Datasheet(PDF) 1 Page - OTTO Engineering, Inc

Part # P9-412145
Description  SEALED DOME PUSHBUTTON SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

P9-412145 Datasheet(HTML) 1 Page - OTTO Engineering, Inc

  P9-412145 Datasheet HTML 1Page - OTTO Engineering, Inc P9-412145 Datasheet HTML 2Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEALED DOME PUSHBUTTON SWITCHES
DOME
PUSHBUTTONS
P9
Specifications Subject To Change Without Notice
www.ottoexcellence.com 139
MOMENTARY ACTION, ATTRACTIVE & RUGGED FOR WET & DUSTY ENVIRONMENTS
The P9 Dome series pushbutton switches feature a contoured
dome style pushbutton and share similar size and characteristics
to the P7 series. Major differences are plastic housing construction
and the availability of a shorting bar contact arrangement. There
are two button versions: low button profile and high button
profile. The P9 comes with a threaded case for hex nut mounting
or with a snap-in case. The switch series features short behind
panel depth. They also offer excellent mechanical and electrical
performance while operating under severe conditions found in
demanding applications.
The P9 Dome series is offered in dusttight and moistureproof
sealed construction. One million mechanical operations and an
electrical life of 25,000 operations at full rated load of 5 amps
resistive or 3 amps inductive.
Watertight sealing is available simply by adding a “W” suffix
to the part number to specify IP68S rating.
The P9 Dome series is available in standard and low-force
double break snap-action and non-snap shorting bar models.
All are momentary action. Special contact variations are
available. High contact pressure and unique contact design
provide low contact resistance for low level switching
capability as well as full rated service. Solder, PC Pin, and 0.110”
Quick Connect termination options are available.
Positive tactile feedback signaling the operator when the switch
is operated is available in snap-action models but not shorting
bar models.
The P9 Dome series is a quality precision switch designed for
use in panels, control grips, computers, instruments, heavy
equipment and other demanding applications where attractive,
rugged pushbutton switches are required.
Features:
• Attractive dome style button
• 2 button heights
• Double break or shorting bar, momentary action
• All plastic housing & button construction
• Threaded body or snap-in panel mounting
• Withstands extreme shock & vibration
• Positive tactile feedback contact transfer on
snap-action models
• Solder, PC Pin & 0.110” Quick Connect
terminal styles
• Moistureproof & dusttight to IP64 or watertight
to IP68S
• UL recognized & CSA certified
• RoHS/WEEE/Reach compliant
Snap-In Case with
0.110” Quick Connect Terminals
Flush Dome with
Threaded Case
Raised Dome with
Threaded Case
Standard Characteristics/Ratings:
ELECTRICAL RATINGS:
Sea Level @ 28VDC or 115VAC, 60/400Hz
Load
N.O./N.C.
2 Circuit
Resistive
5A
4A
Inductive
3A
2A
DWV
1050Vrms
Electrical Life:
25,000 cycles 5A @ 28VDC resistive snap-action
Mechanical Life:
1,000,000 cycles
Seal:
IP64 or IP68S
Operating Temp Range: -40°C to +85°C
Operating Force:
Standard: 1.7 lbs. +/- 0.5 lb.
Low Force: 12 oz +/- 4 oz
Shorting Bar: 18 oz +/- 6 oz
Total Travel:
0.080 inches max
Overtravel:
0.010 inches min
MATERIALS:
Case:
Thermoplastic
Button:
Thermoplastic
Terminals:
Brass with gold over silver
Terminal Hardware:
None provided
Mounting Hardware:
Hex nut, lockwasher
Panel gasket when applicable
CUS
®


Similar Part No. - P9-412145

ManufacturerPart #DatasheetDescription
logo
OTTO Engineering, Inc
P9-412145X OTTO-P9-412145X Datasheet
89Kb / 2P
SEALED DOME PUSHBUTTON SWITCHES
More results

Similar Description - P9-412145

ManufacturerPart #DatasheetDescription
logo
ITT Industries
GP11MCBE ITT-GP11MCBE Datasheet
419Kb / 4P
Sealed Ultraminiature Pushbutton Switches
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
Sealed Tiny Pushbutton Switches
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
GP11MCBE CK-COMPONENTS-GP11MCBE Datasheet
324Kb / 4P
Sealed Ultraminiature Pushbutton Switches
logo
E-SWITCH
LASEEU110RED E-SWITCH-LASEEU110RED Datasheet
512Kb / 4P
PUSHBUTTON SWITCHES - SEALED ILLUMINATED
logo
C&K Components
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
Sealed Subminiature Pushbutton Switches
logo
C&K Components
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
Sealed Tiny Pushbutton Switches
5 Aug 20
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
Sealed Ultraminiature Pushbutton Switches
2 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com