Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMLH45F Datasheet(PDF) 2 Page - MultiDimension Technology Co.,Ltd.

Part # MMLH45F
Description  MMLH45F TMR Linear Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

MMLH45F Datasheet(HTML) 2 Page - MultiDimension Technology Co.,Ltd.

  MMLH45F Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. MMLH45F Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. MMLH45F Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MultiDimension Technology Co., Ltd.
Page 2 of 3
Website: www.dowaytech.com, Email: info@dowaytech.com
MDT MMLH45F
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R. China
Ver 1.0
Pin Configuration
(Top view)
Pin No.
Pin Name
Pin Function
1, 2, 7, 8
N/A
Not connected
3
GND
Ground
4
V-
Analog Differential Output 2
5
V+
Analog Differential Output 1
6
VCC
Supply Voltage
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
6
V
Storage Temperature
Tstg
-50 ~ 150
°C
Magnetic Field
B
2000
Oe
1
ESD Level
4000
V
Specification (VCC=1.0V, TA=25 °C, Differential Output)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1
5
V
Supply Current
ICC
12.5
μA
Resistance
R
80
2
kOhm
Sensitivity
SEN
Fit @±15 Oe
12
mV/V/Oe
Dynamic Range
±50
Oe
Linearity Range
1% Non-linearity
±15
Oe
Offset Voltage
VO
±5
mV/V
Hysteresis
Hys
Fit @±15 Oe
1
%FS
Offset Temperature Drift
VOT
H = 0 Oe
0.01
mV/V/°C
TCOV
-0.1
%/°C
Operation Temperature
TA
-40
125
°C
Note:
(1)
Oe (Oersted) = 1 Gauss in air = 0.1 millitesla = 79.8 A/m.
(2)
Custom sensor resistance may be available upon request.
Please contact MultiDimension Technology for more details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com