Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-29 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-29
Description  Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-29 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-29 Datasheet HTML 13Page - Power Integrations, Inc. EPR-29 Datasheet HTML 14Page - Power Integrations, Inc. EPR-29 Datasheet HTML 15Page - Power Integrations, Inc. EPR-29 Datasheet HTML 16Page - Power Integrations, Inc. EPR-29 Datasheet HTML 17Page - Power Integrations, Inc. EPR-29 Datasheet HTML 18Page - Power Integrations, Inc. EPR-29 Datasheet HTML 19Page - Power Integrations, Inc. EPR-29 Datasheet HTML 20Page - Power Integrations, Inc. EPR-29 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
07-July-03
EPR-29 – 4 Output, 11 W, Universal Input, DVD Supply
Page 17 of 36
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9
Performance Data
All measurements performed at room temperature, 60 Hz input frequency. Full load is:
3.3 V, 0.7 A; 5 V, 1.6 A; +12 V, 0.4 A; -12 V, 0.1 A.
9.1
Efficiency
EP-29 Efficiency vs. Input Voltage
78%
79%
80%
81%
82%
83%
84%
80
100
120
140
160
180
200
220
240
260
280
AC Input Voltage (V RMS)
Pout = 17 W
Pout = 10 W
Figure 7 - Efficiency vs. Input Voltage, Room Temperature, 60 Hz.
9.2
No-load Input Power
EP-29 No-load input power vs. Line
0
10
20
30
40
50
60
70
80
90
100
80
130
180
230
280
AC Input Voltage (V RMS)
3.3 V and 5 V outputs unloaded
12 V and -12 V outputs 6 k
Ω
Figure 8 - Zero Load Input Power vs. Input Line Voltage, Room Temperature, 60 Hz.
EP-29 No-Load Input Power vs. Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com