Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBQC0140L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBQC0140L-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQC0140L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBQC0140L-HF Datasheet HTML 1Page - Comchip Technology CDBQC0140L-HF Datasheet HTML 2Page - Comchip Technology CDBQC0140L-HF Datasheet HTML 3Page - Comchip Technology CDBQC0140L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (CDBQC0140L-HF)
SMD Schottky Barrier Diode
QW-G1135
Page 2
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
0
40
80
100
120
20
60
0
25
50
75
100
125
150
Fig.4 - Current Derating Curve
Ambient Temperature, (°C)
0
3
10
15
20
6
40
0
Fig.3 - Typical Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
9
12
0
0.1
0.2
0.3
0.4
0.5
10
20
40
1
100
10000
10
0
Fig.2 - Reverse Characteristics
Reverse Voltage, (V)
Fig.1 - Forward Characteristics
Forward Voltage, (V)
1
100
0.1
10
30
30
1000
25°C
25°C
50°C
75°C
100°C
125°C
1000
0.7
0.6
25°C
25°C
50°C
75°C
100°C
125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com