Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-32 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-32
Description  Engineering Prototype Report for EP-32 − TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-32 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-32 Datasheet HTML 13Page - Power Integrations, Inc. EPR-32 Datasheet HTML 14Page - Power Integrations, Inc. EPR-32 Datasheet HTML 15Page - Power Integrations, Inc. EPR-32 Datasheet HTML 16Page - Power Integrations, Inc. EPR-32 Datasheet HTML 17Page - Power Integrations, Inc. EPR-32 Datasheet HTML 18Page - Power Integrations, Inc. EPR-32 Datasheet HTML 19Page - Power Integrations, Inc. EPR-32 Datasheet HTML 20Page - Power Integrations, Inc. EPR-32 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
13-Jul-06
EPR-32 - 25 W Multiple Output TOP245P Supply
Page 17 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
The warning shown for PO is accepted as the 25 W specified power is a peak
requirement (thermally limited).
The warning shown for CMA (primary wire current
density) is also accepted as it indicates the primary wire current density is low, and a
smaller wire gauge could be used. The final design used bifilar 32 AWG wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com