Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93PR100LF Datasheet(PDF) 2 Page - Bi technologies

Part # 93PR100LF
Description  1/2 Diameter Single Turn Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

93PR100LF Datasheet(HTML) 2 Page - Bi technologies

  93PR100LF Datasheet HTML 1Page - Bi technologies 93PR100LF Datasheet HTML 2Page - Bi technologies 93PR100LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 93
1-88
TOP ADJUSTMENT (Inch/mm)
10
0
50
Slot .250
± .005/6.350 ± 0.127 Long
X .030
X .035
/0.762
/0.889
+.000
– .005
+.000
– .005
Wide
Deep
+0.000
– 0.127
+0.000
– 0.127
Arrow And Graduations
In Contrasting Color
.028
± .003/0.711 ± 0.076 Dia
Solderable Terminal Pins
(2)
(3)
.10
2.54
.10
2.54
.20
5.08
.50
12.70
Dia
(1)
Standoff
Feet
Resistance Marked
On This Surface
.18
4.57
Min
.25
6.35
Max
STANDARD RESISTANCE VALUES, OHMS
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg
100
1K
10K
50K
250K
2Meg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com