Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5537B1GL Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5537B1GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537B1GL Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5537B1GL Datasheet HTML 1Page - Leadtrend Technology LD5537B1GL Datasheet HTML 2Page - Leadtrend Technology LD5537B1GL Datasheet HTML 3Page - Leadtrend Technology LD5537B1GL Datasheet HTML 4Page - Leadtrend Technology LD5537B1GL Datasheet HTML 5Page - Leadtrend Technology LD5537B1GL Datasheet HTML 6Page - Leadtrend Technology LD5537B1GL Datasheet HTML 7Page - Leadtrend Technology LD5537B1GL Datasheet HTML 8Page - Leadtrend Technology LD5537B1GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LD5537B1/I1
12/18/2018
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537B1/I1-DS-00 December 2018
Pin Configuration
Ordering Information
Part number
Package
Top Mark
Shipping
LD5537B1 GL
SOT-26
Yt b/ WB1
3000 / tape & reel
LD5537I1 GL
SOT-26
Yt b/ WI1
3000 / tape & reel
The LD5537B1/I1 is ROHS compliant / green packaged.
Protection Mode
Product
Name
Switching
Freq.
OLP
VCC OVP
CS OVP
OSCP
SDSP
BNO Pin
Int. OTP
LD5537B1
100kHz
Auto recovery Auto recovery Auto recovery Auto recovery Auto recovery Auto recovery Auto recovery
LD5537I1
100kHz
Latch
Latch
Latch
Latch
Latch
Auto recovery Auto recovery
Pin Descriptions
SOT-26
NAME
FUNCTION
1
GND
Ground
2
COMP
Voltage feedback pin (same as the COMP pin in UC384X). Connect a
photo-coupler to close the control loop and achieve the regulation.
3
BNO
Brownout Protection Pin. Connect a resistor divider between this pin and bridge
rectifier of AC input to set the brownout level. If the voltage is less than threshold
voltage, the PWM output will be disabled.
4
CS
Current sense pin, connect it to sense the MOSFET current.
5
VCC
Supply voltage pin
6
OUT
Gate drive output to drive the external MOSFET
SOT-26 (TOP VIEW)
Y
: Year code (D: 2004, E: 2005
…..)
W
: Week code
PP
: Production code
tbX1
: LD5537B1 & LD5537I1
1
2
3
4
5
6
GND COMP BNO
OUT
VCC
CS
WX1
Y t b pp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com