Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5537G1GL Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5537G1GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537G1GL Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5537G1GL Datasheet HTML 7Page - Leadtrend Technology LD5537G1GL Datasheet HTML 8Page - Leadtrend Technology LD5537G1GL Datasheet HTML 9Page - Leadtrend Technology LD5537G1GL Datasheet HTML 10Page - Leadtrend Technology LD5537G1GL Datasheet HTML 11Page - Leadtrend Technology LD5537G1GL Datasheet HTML 12Page - Leadtrend Technology LD5537G1GL Datasheet HTML 13Page - Leadtrend Technology LD5537G1GL Datasheet HTML 14Page - Leadtrend Technology LD5537G1GL Datasheet HTML 15Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LD5537G1
07/04/2018
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537G1-DS-00 July 2018
1.05V
t
Vcc
t
OUT
Switching
Non-Switching
t
VBNO
t
Line Voltage
0.95V
Non-
Switching
Normal Range
UVLO(on)
UVLO(off)
added to prevent incorrect OVP detection which might
occur during ESD or lightning events. However, when
typically 8 cycles of subsequent OVP events are detected,
the OVP circuit switches the power MOSFET off. As the
protection is latch, the converter restarts after the AC is
plug out and in.
ROCP
RS
CS
AUX
0.31V
OUT
Sample
Delay
Debouce
8 cycle
OVP
Fig. 17
Delay
Sample
Out
AUX Winding
CS/OVP
Fig. 18
Brown-out Protection (BNO)
The LD5537G1 is programmable to set the brownout
protection point though BNO pin. The voltage across the
BNO pin is proportional to bridge rectifier of AC input.
A
brownout comparator is implemented to detect the
abnormal line condition. As soon as the condition is
detected, it will shut down the controller to prevent the
damage. Fig. 19 shows the operation. When VBNO falls
below 0.95V, the gate output will remain off even VCC has
already achieved UVLO(ON). It therefore makes VCC
hiccup between UVLO(ON) and UVLO(OFF). Unless the
line voltage is enough to pull VBNO larger than 1.05V, the
gate output will not start switching even when the next
UVLO(ON) is tripped. A hysteresis is implemented to
prevent the false trigger during turn-on and turn-off.
Fig. 19
Fault Protection
There are several critical protections integrated in the
LD5537G1 to prevent from damage to the power supply.
Those damages usually come from open or short
conditions on the pins of LD5537G1.
In case under such conditions listed below, the gate
output will turn off immediately to protect the power circuit.
1.
CS pin floating
2.
COMP pin floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com